Electronic Components Datasheet Search
  English  ▼

X  

FM3130 Datasheet(PDF) 1 Page - Ramtron International Corporation

Part # FM3130
Description  Integrated RTC/Alarm and 64Kb FRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3130 Datasheet(HTML) 1 Page - Ramtron International Corporation

  FM3130 Datasheet HTML 1Page - Ramtron International Corporation FM3130 Datasheet HTML 2Page - Ramtron International Corporation FM3130 Datasheet HTML 3Page - Ramtron International Corporation FM3130 Datasheet HTML 4Page - Ramtron International Corporation FM3130 Datasheet HTML 5Page - Ramtron International Corporation FM3130 Datasheet HTML 6Page - Ramtron International Corporation FM3130 Datasheet HTML 7Page - Ramtron International Corporation FM3130 Datasheet HTML 8Page - Ramtron International Corporation FM3130 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Preliminary
This is a product that has fixed target specifications but are subject
Ramtron International Corporation
to change pending characterization results.
1850 Ramtron Drive, Colorado Springs, CO 80921
(800) 545-FRAM, (719) 481-7000
www.ramtron.com
Rev. 1.0
Sept. 2006
Page 1 of 22
FM3130
Integrated RTC/Alarm and 64Kb FRAM
Features
High Integration Device Replaces Multiple Parts
•
Serial Nonvolatile Memory
•
Real-time Clock (RTC) with Alarm
•
Clock Output (Programmable frequency)
64Kb Ferroelectric Nonvolatile RAM
•
Internally Organized as 8Kx8
•
Unlimited Read/Write Endurance
•
10 year Data Retention
•
NoDelay™ Writes
Fast Two-wire Serial Interface
•
Up to 1 MHz Maximum Bus Frequency
•
Supports Legacy Timing for 100 kHz & 400 kHz
•
RTC & FRAM Controlled via 2-wire Interface
Real-time Clock/Calendar
•
Backup Current under 1
µA
•
Seconds through Centuries in BCD format
•
Tracks Leap Years through 2099
•
Uses Standard 32.768 kHz Crystal (12.5pF)
•
Software Calibration
•
Supports Battery or Capacitor Backup
Easy to Use Configurations
•
Operates from 2.7 to 3.6V
•
8-pin “green” SOIC (-G) and TDFN (-DG)
•
Low Operating Current
•
Industrial Temperature -40
°C to +85°C
Description
The FM3130 integrates a real-time clock (RTC) and
FRAM nonvolatile memory. The device operates
from 2.7 to 3.6V.
The FM3130 provides nonvolatile FRAM which
features fast write speed and unlimited endurance.
This allows the memory to serve as extra RAM for
the
system
microcontroller
or
conventional
nonvolatile storage. This memory is truly nonvolatile
rather than battery backed.
The real-time clock (RTC) provides time and date
information in BCD format. It can be permanently
powered from external backup voltage source, either
a battery or a capacitor. The timekeeper uses a
common external 32.768 kHz crystal and provides a
calibration mode that allows software adjustment of
timekeeping accuracy.
Pin Configuration
Pin Name
Function
X1, X2
Crystal Connections
ACS
Alarm/Calibration/SqWave
SDA
Serial Data
SCL
Serial Clock
VBAK
Battery-Backup Supply
VDD
Supply Voltage
VSS
Ground
Ordering Information
FM3130-G
“Green” 8-pin SOIC
FM3130-DG
“Green” 8-pin TDFN
VSS
X1
VBAK
X2
1
2
3
4
5
6
7
8
VDD
SCL
SDA
ACS
X1
X2
VBAK
VSS
VDD
ACS
SCL
SDA
Top View
1
2
3
4
8
7
6
5


Similar Part No. - FM3130

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM3130 RAMTRON-FM3130 Datasheet
401Kb / 22P
Integrated RTC/Alarm and 64Kb F-RAM
FM3130-DG RAMTRON-FM3130-DG Datasheet
401Kb / 22P
Integrated RTC/Alarm and 64Kb F-RAM
FM3130-DGTR RAMTRON-FM3130-DGTR Datasheet
401Kb / 22P
Integrated RTC/Alarm and 64Kb F-RAM
FM3130-G RAMTRON-FM3130-G Datasheet
401Kb / 22P
Integrated RTC/Alarm and 64Kb F-RAM
FM3130-GTR RAMTRON-FM3130-GTR Datasheet
401Kb / 22P
Integrated RTC/Alarm and 64Kb F-RAM
More results

Similar Description - FM3130

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
64Kb Bytewide FRAM Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
64Kb FRAM Serial Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
64Kb FRAM Serial 3V Memory
logo
Maxim Integrated Produc...
DS32X35 MAXIM-DS32X35 Datasheet
279Kb / 21P
Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 0; 12/06
logo
Ramtron International C...
FM24C64 RAMTRON-FM24C64_05 Datasheet
98Kb / 12P
64Kb FRAM Serial Memory
FM24CL64 RAMTRON-FM24CL64_07 Datasheet
115Kb / 13P
64Kb Serial 3V FRAM Memory
FM25640 RAMTRON-FM25640_05 Datasheet
187Kb / 13P
64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_07 Datasheet
138Kb / 13P
64Kb FRAM Serial Memory
logo
Maxim Integrated Produc...
DS32B35 MAXIM-DS32B35_10 Datasheet
410Kb / 22P
Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 3; 7/10
logo
Ramtron International C...
FM3130 RAMTRON-FM3130_11 Datasheet
401Kb / 22P
Integrated RTC/Alarm and 64Kb F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com