Electronic Components Datasheet Search
  English  ▼

X  

HT23C512 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT23C512
Description  CMOS 64Kx8-Bit Mask ROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT23C512 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT23C512 Datasheet HTML 1Page - Holtek Semiconductor Inc HT23C512 Datasheet HTML 2Page - Holtek Semiconductor Inc HT23C512 Datasheet HTML 3Page - Holtek Semiconductor Inc HT23C512 Datasheet HTML 4Page - Holtek Semiconductor Inc HT23C512 Datasheet HTML 5Page - Holtek Semiconductor Inc HT23C512 Datasheet HTML 6Page - Holtek Semiconductor Inc HT23C512 Datasheet HTML 7Page - Holtek Semiconductor Inc HT23C512 Datasheet HTML 8Page - Holtek Semiconductor Inc HT23C512 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Pin Assignment
Pin Description
Pin Name
I/O
Description
A0~A15
I
Address inputs
D0~D7
O
Data outputs
CE/CE/OE1/OE1
I
Chip enable/Output enable input
OE/OE/NC
I
Output enable input
VSS
¾
Negative power supply, ground
VCC
¾
Positive power supply
Absolute Maximum Ratings
Supply Voltage ............................................
-0.3V to 6V
Storage Temperature ............................
-50°Cto125°C
Input Voltage....................................
-0.3V to VCC+0.3V
Operating Temperature...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Supply voltage: 2.7V~3.6V
Ta=
-40°Cto85°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Conditions
VCC
Operating Voltage
¾¾
2.7
¾
3.6
V
ICC
Operating Current
3V
O/P Unload, f=5MHz
¾¾
10
mA
VIL
Input Low Voltage
3V
¾
VSS
¾
0.4
V
VIH
Input High Voltage
3V
¾
2.0
¾
VCC
V
VOL
Output Low Voltage
3V
IOL=2.1mA
¾¾
0.4
V
VOH
Output High Voltage
3V
IOH=
-0.4mA
2.4
¾
VCC
V
HT23C512
Rev. 1.10
2
August 30, 2002
H T 2 3 C 5 1 2
2 8 D I P - A / S O P - A
A 1 5
A 1 2
A 7
A 6
A 5
A 4
A 3
A 2
A 1
A 0
D 0
D 1
D 2
V S S
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
V C C
A 1 4
A 1 3
A 8
A 9
A 1 1
O E / O E / N C
A 1 0
C E / C E / O E 1 / O E 1
D 7
D 6
D 5
D 4
D 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com