Electronic Components Datasheet Search
  English  ▼

X  

FM1114 Datasheet(PDF) 3 Page - Ramtron International Corporation

Part # FM1114
Description  Nonvolatile 3V Quad State Saver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM1114 Datasheet(HTML) 3 Page - Ramtron International Corporation

  FM1114 Datasheet HTML 1Page - Ramtron International Corporation FM1114 Datasheet HTML 2Page - Ramtron International Corporation FM1114 Datasheet HTML 3Page - Ramtron International Corporation FM1114 Datasheet HTML 4Page - Ramtron International Corporation FM1114 Datasheet HTML 5Page - Ramtron International Corporation FM1114 Datasheet HTML 6Page - Ramtron International Corporation FM1114 Datasheet HTML 7Page - Ramtron International Corporation FM1114 Datasheet HTML 8Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FM1114 NV Quad State Saver
Rev. 1.1
Aug. 2007
Page 3 of 8
Description
Nonvolatile
storage
applied
to
logic
is
a
revolutionary concept. The FM1114 simplifies the
design of system control functions. This product is
unique because it remembers the stored output
values in the absence of power. Any change in the
latched state is automatically written to a nonvolatile
ferroelectric latch. This function is possible due to
the fast write time and extremely high write
endurance of the underlying ferroelectric memory
technology.
Use of Enable Pin
The FM1114 has an enable pin that is intended to be
used in conjunction with a system reset. An active-
low reset may be tied directly to the EN pin. At
power-up, /RESET will be held low for some time
during which the data input and CLK pins will be
ignored. Once the system comes out of reset and EN
goes high, the outputs QN drive to the state that were
previously latched and the device operates normally.
When the EN pin is low, the outputs QN are tri-
stated.
The enable pin must not be tied to VDD because the
device does not have any power management circuits
to monitor VDD. The enable input must be held low
during power cycles.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com