Electronic Components Datasheet Search
  English  ▼

X  

VB5 Datasheet(PDF) 1 Page - France Joint

Part # VB5
Description  SHAFT SEALS WITH A TYPE 5 STOP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

VB5 Datasheet(HTML) 1 Page - France Joint

  VB5 Datasheet HTML 1Page - France Joint VB5 Datasheet HTML 2Page - France Joint VB5 Datasheet HTML 3Page - France Joint VB5 Datasheet HTML 4Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
|
|
SEAL DESIGN
Tolerance for the outside diameter of the seal (ØD)
Bore diameter
ØD1 (mm)
Apparent metal cage
Rubber coating
Coating with grooves
ØD1 ≤ 50.0
+0.10 / +0.20
+0.15 / +0.30
+0.20 / +0.40
50.0 < ØD1 ≤ 80.0
+0.13 / +0.23
+0.20 / +0.35
+0.25 / +0.45
80.0 < ØD1 ≤ 120.0
+0.15 / +0.25
+0.20 / +0.35
+0.25 / +0.45
120.0 < ØD1 ≤ 180.0
+0.18 / +0.28
+0.25 / +0.45
+0.30 / +0.55
180.0 < ØD1 ≤ 300.0
+0.20 / +0.30
+0.25 / +0.45
+0.30 / +0.55
300.0 < ØD1 ≤ 500.0
+0.23 / +0.35
+0.30 / +0.55
+0.35 / +0.65
500.0 < ØD1 ≤ 630.0
+0.23 / +0.35
+0.35 / +0.65
+0.40 / +0.75
Roundness tolerance
Bore diameter
ØD1 (mm)
Apparent metal cage
Rubber coating
ØD1 ≤ 50.0
0.18
0.25
50.0 < ØD1 ≤ 80.0
0.25
0.35
80.0 < ØD1 ≤ 120.0
0.30
0.50
120.0 < ØD1 ≤ 180.0
0.40
0.65
180.0 < ØD1 ≤ 300.0
0.25% of the outside diameter
0.80
300.0 < ØD1 ≤ 500.0
0.25% of the outside diameter
1.00
500.0 < ØD1 ≤ 630.0
-
-
Tolerance for the inside diameter of the seal (Ød)
Free and without constraint, the inside diameter of the sealing lip is always smaller than the
diameter of the shaft. The pre-tightening or interference denotes the difference between
these two values. Depending on the shaft diameter, the diameter of the sealing lip is generally
considered to be less, between 0.8 and 3.5 mm.
|
DESCRIPTION
The VB5 profile is a shaft seal
composed of a staggered external
metal cage with an external flange and
a primary sealing lip without a spring.
|
ADVANTAGES
Good radial rigidity, particularly
for large diameters
Good stability when assembled,
preventing the bounce-back effect
Precise positioning when stopped
Sealing for high viscosity fluids
Primary sealing lip generating
low levels of friction and heat
|
APPLICATIONS
All types of rotative applications
Machine tools
Agriculture
Construction
Transmissions
Gear boxes
Motors
Pumps
|
MATERIALS
Rubber
ACM 70 - 75 Shore A
EPDM 70 - 75 Shore A
FKM 70 - 75 Shore A
HNBR 70 - 75 Shore A
NBR 70 - 75 Shore A
Metal cage
Steel - AISI 1010
Stainless steel - AISI 304
Stainless steel - AISI 316
SHAFT SEALS
WITH A TYPE 5 STOP
VB5
ROTARY SEALS | SHAFT SEALS WITH A TYPE 5 STOP |
VB5
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS


Similar Part No. - VB5

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
VB500 EXTECH-VB500 Datasheet
176Kb / 1P
4-Channel Vibration Meter/Datalogger
logo
New Jersey Semi-Conduct...
VB50X NJSEMI-VB50X Datasheet
102Kb / 1P
These rectifiers offer high voltage ranges in minimum-sized
logo
France Joint
VB50X55X4 FRANCEJOINT-VB50X55X4 Datasheet
384Kb / 5P
STANDARD SHAFT SEALS
VB50X58X4 FRANCEJOINT-VB50X58X4 Datasheet
384Kb / 5P
STANDARD SHAFT SEALS
logo
VBsemi Electronics Co.,...
VB5222 VBSEMI-VB5222 Datasheet
749Kb / 10P
N- and P-Channel V (D-S) MOSFET
More results

Similar Description - VB5

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRGA ALPS-SRGA Datasheet
161Kb / 4P
Hollow Shaft Type
SRGH ALPS-SRGH Datasheet
137Kb / 4P
Metal Shaft Type
SRGP ALPS-SRGP Datasheet
124Kb / 3P
Hollow Shaft Type
logo
Tyco Electronics
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
ALPS ELECTRIC CO.,LTD.
EC10E1220505 ALPS-EC10E1220505 Datasheet
258Kb / 2P
10mm Size Hollow Shaft Type
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
ALPS ELECTRIC CO.,LTD.
EC12D ALPS-EC12D Datasheet
878Kb / 6P
Insulated shaft type with a wide variety of applications
logo
SparkFun Electronics
ROB-12269 SPARKFUN-ROB-12269 Datasheet
158Kb / 1P
Shaft Spacer - 5/8
8/4/2016
ROB-12275 SPARKFUN-ROB-12275 Datasheet
91Kb / 1P
Shaft Coupler - 5/16 to 5/16
1/15/2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com