Electronic Components Datasheet Search
  English  ▼

X  

FM1105 Datasheet(PDF) 1 Page - Ramtron International Corporation

Part # FM1105
Description  Nonvolatile 5V Dual State Saver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM1105 Datasheet(HTML) 1 Page - Ramtron International Corporation

  FM1105 Datasheet HTML 1Page - Ramtron International Corporation FM1105 Datasheet HTML 2Page - Ramtron International Corporation FM1105 Datasheet HTML 3Page - Ramtron International Corporation FM1105 Datasheet HTML 4Page - Ramtron International Corporation FM1105 Datasheet HTML 5Page - Ramtron International Corporation FM1105 Datasheet HTML 6Page - Ramtron International Corporation FM1105 Datasheet HTML 7Page - Ramtron International Corporation FM1105 Datasheet HTML 8Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary
This is a product that has fixed target specifications but are subject
Ramtron International Corporation
to change pending characterization results.
1850 Ramtron Drive, Colorado Springs, CO 80921
(800) 545-FRAM, (719) 481-7000
http://www.ramtron.com
Rev. 1.1
Aug. 2007
Page 1 of 8
FM1105
Nonvolatile 5V Dual State Saver
Features
Nonvolatile State Saver
•
Logic States Retained in Absence of Power
•
Outputs Automatically Restored at Power-up
•
Number of State Changes: 1012
•
Max tPD 50ns at 4.5V
•
Max Frequency 1 MHz
Low Power Operation
•
Supply voltage of 4.5V to 5.5V
•
15
µA Standby Current
Industry Standard Configuration
•
Industrial Temperature -40
° C to +85° C
•
8-pin “Green”/RoHS SOT-23 Package
Overview
The FM1105 is an innovative FRAM-based device
that stores inputs like conventional logic and retains
the stored state in the absence of power. This product
solves three basic problems in an elegant fashion.
First, it provides continuous access to nonvolatile
system settings without performing a memory read
operation or using dedicated processor I/O pins.
Second, it allows the storage of signals that may
change frequently and possibly without notice. Third,
it allows the nonvolatile storage of a system setting
without the system overhead and extra pins of a serial
memory.
Functionally, the inputs are stored and passed to the
output on the rising edge of the clock CLK. This
unique product serves a variety of applications. Here
are a few applications:
! Control relays or valves with automatic setting
on power-up without processor intervention
! Interface to soft/momentary front-panel switch
and indicator lamp. Capture switch settings and
drive LEDs without processor intervention
! Replaces jumpers & control signal routing
! Initialize state of I/O card signals
! Eliminate the overhead of serial memory for
systems needing only a bit of data
Pin Configuration
Pin Names
Function
DN
Data In
QN
Data Out
EN
Enable
CLK
Clock
VDD
Supply Voltage
VSS
Ground
Ordering Information
FM1105
Dual State Saver,
8-pin “Green”/RoHS SOT-23


Similar Part No. - FM1105

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM1105 RAMTRON-FM1105 Datasheet
121Kb / 8P
Nonvolatile 5V Dual State Saver
FM1105-GA RAMTRON-FM1105-GA Datasheet
121Kb / 8P
Nonvolatile 5V Dual State Saver
FM1105-GATR RAMTRON-FM1105-GATR Datasheet
121Kb / 8P
Nonvolatile 5V Dual State Saver
logo
Electronic Components L...
FM1105B CLIFF-FM1105B Datasheet
212Kb / 1P
¼” RIGHT ANGLE JACK PLUGS
FM1105W CLIFF-FM1105W Datasheet
212Kb / 1P
¼” RIGHT ANGLE JACK PLUGS
More results

Similar Description - FM1105

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM1114 RAMTRON-FM1114 Datasheet
116Kb / 8P
Nonvolatile 3V Quad State Saver
FM1112 RAMTRON-FM1112 Datasheet
116Kb / 8P
Nonvolatile 3V Quad State Saver
FM1110 RAMTRON-FM1110 Datasheet
259Kb / 8P
Nonvolatile 5V Quad State Saver
FM1107 RAMTRON-FM1107 Datasheet
117Kb / 8P
Nonvolatile 3V Dual State Saver
FM1106 RAMTRON-FM1106 Datasheet
117Kb / 8P
Nonvolatile 3V Dual State Saver
FM1105 RAMTRON-FM1105_09 Datasheet
121Kb / 8P
Nonvolatile 5V Dual State Saver
FM1106 RAMTRON-FM1106_09 Datasheet
121Kb / 8P
Nonvolatile 3V Dual State Saver
logo
Glenair, Inc.
891-016 GLENAIR-891-016 Datasheet
635Kb / 2P
Dual Row Nano Connector Saver
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
Connector Saver
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
Starter Saver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com