Electronic Components Datasheet Search
  English  ▼

X  

IRLL110PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLL110PBF
Description  HEXFET짰 Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLL110PBF Datasheet(HTML) 1 Page - International Rectifier

  IRLL110PBF Datasheet HTML 1Page - International Rectifier IRLL110PBF Datasheet HTML 2Page - International Rectifier IRLL110PBF Datasheet HTML 3Page - International Rectifier IRLL110PBF Datasheet HTML 4Page - International Rectifier IRLL110PBF Datasheet HTML 5Page - International Rectifier IRLL110PBF Datasheet HTML 6Page - International Rectifier IRLL110PBF Datasheet HTML 7Page - International Rectifier IRLL110PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Max.
Units
ID @ Tc = 25°C
Continuous Drain Current, VGS @ 5.0 V
1.5
ID @ Tc = 100°C
Continuous Drain Current, VGS @ 5.0 V
0.93
IDM
Pulsed Drain Current

12
PD @Tc = 25°C
Power Dissipation
3.1
PD @TA = 25°C
Power Dissipation (PCB Mount)**
2..0
W
Linear Derating Factor
0.025
Linear Derating Factor (PCB Mount)**
0.017
W/°C
VGS
Gate-to-Source Voltage
-/+10
V
EAS
Single Pulse Avalanche Energy
‚
50
mJ
IAR
Avalanche Current

1.5
A
EAR
Repetitive Avalanche Energy

0.31
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.5
V/ns
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
IRLL110PbF
HEXFET® Power MOSFET
PD - 95222
S
D
G
VDSS = 100V
RDS(on) = 0.54Ω
ID = 1.5A
Third Generation HEXFETs from International Rectifier
provide the designer with the best combination of fast
switching, ruggedized device design, low on-resistance
and cost-effectiveness.
The SOT-223 package is designed for surface-mount using
vapor phase, infra red, or wave soldering techniques. Its
unique package design allows for easy automatic pick-and-
place as with other SOT or SOIC packages but has the
added advantage of improved thermal performance due to
an enlarged tab for heatsinking. Power dissipation of
grreater than 1.25W is possible in a typical surface mount
application.
04/27/04
Description
l Surface Mount
l Available in Tape & Reel
l Dynamic dv/dt Rating
l Repetitive Avalanche Rated
l Logic-Level Gate Drive
l RDS(on)Specified at VGS= 4V & 5V
l Fast Switching
l Lead-Free
S O T -223
** When mounted on 1'' square PCB (FR-4 or G-10 Material).
For recommended footprint and soldering techniques refer to application note #AN-994.
Parameter
Typ.
Max.
Units
RθJC
Junction-to-PCB
–––
40
RθJA
Junction-to-Ambient. (PCB Mount)**
–––
60
Thermal Resistance
°C/W
Absolute Maximum Ratings
A
www.irf.com
1
Soldewring Temperature, for 10 seconds
300 (1.6mm from case)


Similar Part No. - IRLL110PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRLL110PBF VISHAY-IRLL110PBF Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
More results

Similar Description - IRLL110PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
HEXFET짰 Power MOSFET
IRF9510PBF IRF-IRF9510PBF Datasheet
1Mb / 8P
HEXFET짰 Power MOSFET
IRF820PBF IRF-IRF820PBF Datasheet
3Mb / 7P
HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com