Electronic Components Datasheet Search
  English  ▼

X  

LSK170 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LSK170
Description  ULTRA LOW NOISE SINGLE N-CHANNEL JFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LSK170 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LSK170 Datasheet HTML 1Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
FEATURES
ULTRA LOW NOISE (f = 1kHz)
en = 0.9nV/√Hz
HIGH BREAKDOWN VOLTAGE
BVGSS = 40V max
HIGH GAIN
Yfs = 22mS (typ)
HIGH INPUT IMPEDANCE
IG = -500pA max
LOW CAPACITANCE
22pF max
IMPROVED SECOND SOURCE REPLACEMENT FOR 2SK170
ABSOLUTE MAXIMUM RATINGS
1
@ 25 °C (unless otherwise stated)
Maximum Temperatures
Storage Temperature
-65 to +150 °C
Operating Junction Temperature
-55 to +135 °C
Maximum Power Dissipation
Continuous Power Dissipation @ +125 °C
400mW
Maximum Currents
Gate Forward Current
IG(F) = 10mA
Maximum Voltages
Gate to Source
VGSS = 40V
Gate to Drain
VGDS = 40V
ELECTRICAL CHARACTERISTICS @ 25 °C (unless otherwise stated)
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX UNITS
CONDITIONS
BVGSS
Gate to Source Breakdown Voltage
40
V
VDS = 0, ID = 100µA
VGS(OFF)
Gate to Source Pinch-off Voltage
0.2
2
V
VDS = 10V, ID = 1nA
VGS
Gate to Source Operating Voltage
0.5
V
VDS = 10V, ID = 1mA
LSK170A
2.6
6.5
LSK170B
6
12
IDSS
Drain to Source Saturation
Current
LSK170C
10
20
mA
VDG = 10V, VGS = 0
IG
Gate Operating Current
0.5
nA
VDG = 10V, ID = 1mA
IGSS
Gate to Source Leakage Current
1
nA
VDG = 10V, VDS = 0
Yfss
Full Conduction Transconductance
22
mS
VGD = 10V, VGS = 0, f = 1kHz
Yfs
Typical Conduction Transconductance
10
mS
VDG = 15V, ID = 1mA
en
Noise Voltage
0.9
1.9
nV/√Hz
VDS = 10V, ID = 2mA, f = 1kHz,
NBW = 1Hz
en
Noise Voltage
2.5
4
nV/√Hz
VDS = 10V, ID = 2mA, f = 10Hz,
NBW = 1Hz
CISS
Common Source Input Capacitance
20
pF
CRSS
Common Source Reverse Transfer Cap.
5
pF
VDS = 15V, ID = 500µA
LSK170
ULTRA LOW NOISE
SINGLE N-CHANNEL JFET
Linear Integrated Systems
1.
Absolute maximum ratings are limiting values above which serviceability may be impaired.
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or other
rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
*For equivalent monolithic dual, see LSK389 family.
TO-92
BOTTOM VIEW
123
DG S
1
2
3
SOT-23
TOP VIEW
D
G
S


Similar Part No. - LSK170

ManufacturerPart #DatasheetDescription
logo
Micross Components
LSK170 MICROSS-LSK170 Datasheet
303Kb / 1P
Replace discontinued Toshiba 2SK170 with LSK170
LSK170A MICROSS-LSK170A Datasheet
475Kb / 1P
Linear Systems replaces discontinued Toshiba 2SK170 with LSK170
LSK170A_SOT-23 MICROSS-LSK170A_SOT-23 Datasheet
475Kb / 1P
Ultra Low Noise Single N-Channel JFET
LSK170A_TO-92 MICROSS-LSK170A_TO-92 Datasheet
475Kb / 1P
an Ultra Low Noise Single N-Channel JFET
LSK170B MICROSS-LSK170B Datasheet
475Kb / 1P
Linear Systems replaces discontinued Toshiba 2SK170 with LSK170
More results

Similar Description - LSK170

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
J108 LINEAR-J108 Datasheet
300Kb / 2P
LOW NOISE SINGLE N-CHANNEL JFET SWITCH
LS846 LINEAR-LS846 Datasheet
132Kb / 1P
LOW NOISE, LOW LEAKAGE SINGLE N-CHANNEL JFET
logo
Micross Components
LSK170A_SOT-23 MICROSS-LSK170A_SOT-23 Datasheet
475Kb / 1P
Ultra Low Noise Single N-Channel JFET
LSK170A_TO-92 MICROSS-LSK170A_TO-92 Datasheet
475Kb / 1P
an Ultra Low Noise Single N-Channel JFET
LSK170B_SOT-23 MICROSS-LSK170B_SOT-23 Datasheet
475Kb / 1P
an Ultra Low Noise Single N-Channel JFET
LSK170B_TO-92 MICROSS-LSK170B_TO-92 Datasheet
475Kb / 1P
an Ultra Low Noise Single N-Channel JFET
LSK170C_SOT-23 MICROSS-LSK170C_SOT-23 Datasheet
475Kb / 1P
an Ultra Low Noise Single N-Channel JFET
LSK170C_TO-92 MICROSS-LSK170C_TO-92 Datasheet
475Kb / 1P
an Ultra Low Noise Single N-Channel JFET
logo
Linear Integrated Syste...
LSJ74 LINEAR-LSJ74_14 Datasheet
260Kb / 2P
ULTRA LOW NOISE SINGLE P-CHANNEL JFET
LSK170 LINEAR-LSK170_14 Datasheet
191Kb / 2P
ULTRA LOW NOISE SINGLE N-CHANNEL JFET AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com