Electronic Components Datasheet Search
  English  ▼

X  

539721 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 539721
Description  Angled connection plate
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

539721 Datasheet(HTML) 1 Page - Festo Corporation.

  539721 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Angled connection plate
VABF-S4-1-A2G2-G14
Part number: 539721
General operating condition
Data sheet
Feature
Value
Width
26 mm
Based on norm
ISO 15407-2
Mounting position
Any
Operating pressure
-0.09 MPa ... 1 MPa
Operating pressure
-0.9 bar ... 10 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
0 - No corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Degree of protection
IP65
NEMA 4
Ambient temperature
-5 °C ... 50 °C
Product weight
217 g
Type of mounting
With through-hole
Housing material
Die-cast aluminum
12/23/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 539721

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
539720 FESTO-539720 Datasheet
85Kb / 1P
Angled connection plate
logo
TE Connectivity Ltd
539727-2 TEC-539727-2 Datasheet
6Mb / 12P
INTRODUCTION TO TOOLING SOLUTIONS
More results

Similar Description - 539721

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1053046 PHOENIX-1053046 Datasheet
57Kb / 2P
Connection plate - ICS25-F22U-7035
1053051 PHOENIX-1053051 Datasheet
57Kb / 2P
Connection plate - ICS20-F22U-7035
2203891 PHOENIX-2203891 Datasheet
57Kb / 3P
Connection plate - ICS25-F45S-7035
2203894 PHOENIX-2203894 Datasheet
58Kb / 3P
Connection plate - ICS25-F22A-7035
2203895 PHOENIX-2203895 Datasheet
58Kb / 3P
Connection plate - ICS25-F22J-7035
2203896 PHOENIX-2203896 Datasheet
58Kb / 3P
Connection plate - ICS25-F45D15-7035
2203888 PHOENIX-2203888 Datasheet
146Kb / 4P
Connection plate - ICS20-F22S-7035
2203890 PHOENIX-2203890 Datasheet
136Kb / 4P
Connection plate - ICS25-F22S-7035
2203892 PHOENIX-2203892 Datasheet
144Kb / 4P
Connection plate - ICS20-F22A-7035
2203893 PHOENIX-2203893 Datasheet
142Kb / 4P
Connection plate - ICS20-F45D15-7035
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com