Electronic Components Datasheet Search
  English  ▼

X  

TLE4264 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4264
Description  5-V Low-Drop Fixed-Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4264 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4264 Datasheet HTML 1Page - Infineon Technologies AG TLE4264 Datasheet HTML 2Page - Infineon Technologies AG TLE4264 Datasheet HTML 3Page - Infineon Technologies AG TLE4264 Datasheet HTML 4Page - Infineon Technologies AG TLE4264 Datasheet HTML 5Page - Infineon Technologies AG TLE4264 Datasheet HTML 6Page - Infineon Technologies AG TLE4264 Datasheet HTML 7Page - Infineon Technologies AG TLE4264 Datasheet HTML 8Page - Infineon Technologies AG TLE4264 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TLE 4264
Data Sheet Rev. 2.1
4
2000-10-10
Absolute Maximum Ratings
T
j = – 40 to 150 °C
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Input
Input voltage
V
I
– 42
45
V
–
Input current
I
I
–––
limited internally
Output
Output voltage
V
Q
– 132
V
–
Output current
I
Q
–––
limited internally
Ground
Current
I
GND
50
–
mA
–
Temperatures
Junction temperature
T
j
–
150
°C
–
Storage temperature
T
stg
– 50
150
°C
–
Operating Range
Input voltage
V
I
5.5
45
V
–
Junction temperature
T
j
– 40
150
°C
–
Thermal Resistances
Junction-ambient
R
thj-a
–
85
K/W
1)
Junction-pin4
R
thj-pin4
–
20
K/W
–
1)
Worst case, regarding peak temperature; zero airflow; mounted an a PCB 80
× 80 × 1.5 mm3, heat sink area
300 mm2.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com