Electronic Components Datasheet Search
  English  ▼

X  

HCT573 Datasheet(PDF) 4 Page - Texas Instruments

Part # HCT573
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HCT573 Datasheet(HTML) 4 Page - Texas Instruments

  HCT573 Datasheet HTML 1Page - Texas Instruments HCT573 Datasheet HTML 2Page - Texas Instruments HCT573 Datasheet HTML 3Page - Texas Instruments HCT573 Datasheet HTML 4Page - Texas Instruments HCT573 Datasheet HTML 5Page - Texas Instruments HCT573 Datasheet HTML 6Page - Texas Instruments HCT573 Datasheet HTML 7Page - Texas Instruments HCT573 Datasheet HTML 8Page - Texas Instruments HCT573 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN54HCT573, SN74HCT573
OCTAL TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCLS176E – MARCH 1984 – REVISED JULY 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HCT573
SN74HCT573
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
D
Q
4.5 V
25
35
53
44
t d
D
Q
5.5 V
21
32
48
40
ns
tpd
LE
Any Q
4.5 V
28
35
53
44
ns
LE
Any Q
5.5 V
25
32
48
40
t
OE
Any Q
4.5 V
26
35
53
44
ns
ten
OE
Any Q
5.5 V
23
32
48
40
ns
tdi
OE
Any Q
4.5 V
23
35
53
44
ns
tdis
OE
Any Q
5.5 V
22
32
48
40
ns
tt
Any Q
4.5 V
9
12
18
15
ns
tt
Any Q
5.5 V
9
11
16
14
ns
switching characteristics over recommended operating free-air temperature range, CL = 150 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HCT573
SN74HCT573
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
D
Q
4.5 V
32
52
79
65
t d
D
Q
5.5 V
27
47
71
59
ns
tpd
LE
Any Q
4.5 V
38
52
79
65
ns
LE
Any Q
5.5 V
36
47
71
59
t
OE
Any Q
4.5 V
33
52
79
65
ns
ten
OE
Any Q
5.5 V
28
47
71
59
ns
tt
Any Q
4.5 V
18
42
63
53
ns
tt
Any Q
5.5 V
16
38
57
48
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per latch
No load
50
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com