Electronic Components Datasheet Search
  English  ▼

X  

SB50 Datasheet(PDF) 1 Page - Anderson Power Products, Inc.

Part # SB50
Description  SB® Environmental Boots
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

SB50 Datasheet(HTML) 1 Page - Anderson Power Products, Inc.

  SB50 Datasheet HTML 1Page - Anderson Power Products, Inc. SB50 Datasheet HTML 2Page - Anderson Power Products, Inc. SB50 Datasheet HTML 3Page - Anderson Power Products, Inc. SB50 Datasheet HTML 4Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SB® Environmental Boots
The soft shell boots provide water, dirt, chemical and UV
protection for SB® connectors. The durable boots shield
the connectors from water and dirt to IP64 when mated or
unmated when the integral cover is used.
SB® Environmental Boots are ideal for a wide range of
applications including: generators, industrial trucks, bus
and coach, road construction, road maintenance, off road,
farm and agriculture equipment.


Similar Part No. - SB50

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
SB50 APP-SB50 Datasheet
1Mb / 7P
SB® 50 Connectors Up to 120 amps
REV C7
logo
Sanyo Semicon Device
SB50-09 SANYO-SB50-09 Datasheet
73Kb / 3P
90V, 5A Rectifier
SB50-09J SANYO-SB50-09J Datasheet
73Kb / 3P
90V, 5A Rectifier
SB50-18 SANYO-SB50-18 Datasheet
74Kb / 3P
180V, 5A Rectifier
SB50-18K SANYO-SB50-18K Datasheet
73Kb / 3P
180V, 5A Rectifier
More results

Similar Description - SB50

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
390MS077M0501-5N GLENAIR-390MS077M0501-5N Datasheet
403Kb / 2P
Backshells, Boots and Clamps
770-001S103 GLENAIR-770-001S103 Datasheet
187Kb / 1P
Environmental Shrink Boots
logo
Tyco Electronics
T14-23FR MACOM-T14-23FR Datasheet
48Kb / 1P
CABLE BREAKOUT BOOTS, THREE ENTRY
logo
List of Unclassifed Man...
11328 ETC2-11328 Datasheet
94Kb / 2P
PVC Insulation Boots
NC3030 ETC2-NC3030 Datasheet
130Kb / 1P
Circuit Breaker Boots Full Pushbutton Boots
logo
Anderson Power Products...
SB120 APP-SB120 Datasheet
1Mb / 5P
SB® 120 Connectors Up to 240 Amps
REV C7
SB175 APP-SB175 Datasheet
1Mb / 9P
SB® 175 Connectors Up to 280 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
SB® 50 Connectors Up to 120 amps
REV C7
SB350 APP-SB350_V01 Datasheet
151Kb / 2P
SB® 350 Connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com