Electronic Components Datasheet Search
  English  ▼

X  

1327 Datasheet(PDF) 9 Page - Anderson Power Products, Inc.

Part # 1327
Description  Powerpole® Connectors - PP15 to PP45 : up to 55 Amps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

1327 Datasheet(HTML) 9 Page - Anderson Power Products, Inc.

Back Button 1327 Datasheet HTML 3Page - Anderson Power Products, Inc. 1327 Datasheet HTML 4Page - Anderson Power Products, Inc. 1327 Datasheet HTML 5Page - Anderson Power Products, Inc. 1327 Datasheet HTML 6Page - Anderson Power Products, Inc. 1327 Datasheet HTML 7Page - Anderson Power Products, Inc. 1327 Datasheet HTML 8Page - Anderson Power Products, Inc. 1327 Datasheet HTML 9Page - Anderson Power Products, Inc. 1327 Datasheet HTML 10Page - Anderson Power Products, Inc. 1327 Datasheet HTML 11Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.andersonpower.com
- 28 -
All Data Subject To Change Without Notice
| Powerpole® 15-45 Accessories |
[ 16.6 ]
0.655
[ 7.9 ]
0.312
[ 4.6 ]
0.180
Mounting Wings
[ 16.6 ]
0.655
[ 7.9 ]
0.312
[ 24.6 ]
0.968
[ 7.9 ]
0.312
[ 16.6 ]
0.655
[ 7.9 ]
0.312
Short with Hole
Short without Hole
Long
2 or 4 Pole
3 or 6 Pole
4 or 8 Pole
A
B
Mounting Wing
Secure dovetailed Powerpole® 15-45 series housings by passing fasteners through the wings
in either a horizontal or vertical orientation. Useful for sheet metal panels, printed circuit boards,
and many other mounting surfaces. Fasteners not included.
Description
------- Part Numbers -------
Minimum Quantity ... 2,500
100 ....
Red
1399G9-BK
1399G9
Blue
1399G8-BK
1399G8
Spacer
Used to separate housings under high power to minimize derating. They are
recommended for squaring off a block of Powerpole® 15-45 housings for use in connector shells
and mounting clamps. Use a combination of long and short spacers opposite each other in a
mated block to add keying features or use two short spacers to avoid interference. Spacers with
holes can also be used to fasten the blocked housings to a surface with a fastener.
Description
------ Part Numbers -------
Minimum Quantity .....
2,500
100 .....
Red, Short w/ Hole
1399G1-BK
1399G1
Red, Long
1399G2-BK
1399G2
Red, Short
1399G6-BK
1399G6
Black, Long
1399G10-BK
1399G10
Blue, Short
1399G13-BK
1399G13
White, Short w/ Hole
1399G14-BK
1399G14
White, Long
1399G17-BK
1399G17
Retaining Pins
Keep stacked Powerpole® 15-45 series housings from separating. Retaining pins are inserted in
the circular opening between two housings stacked side by side.
Dimensions
- A -
- B -
Description
----- Part Numbers -----
inches
mm
inches mm
Minimum Quantity ...
1,000
100
............................................................................
1 Block High
H1507P38
110G16 0.094
2.390
0.250 6.350
2 Block High
111812P5
110G17 0.099 / 0.106 0.251 / 2.69
0.440 11.180
Mounting Clamp
Mounting clamps can be used for fastening a block of Powerpole® 15-45 series
housings to a panel. Connector blocks must be a complete square for the clamps
to work properly. Fastening hardware not included.
Description
-- Part Numbers --
Minimum Quantity ... 100 sets of 2 .....
2 or 4 Pole
1462G1
3 or 6 Pole
1462G2
4 or 8 Pole
1462G3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com