Electronic Components Datasheet Search
  English  ▼

X  

P992G1 Datasheet(PDF) 7 Page - Anderson Power Products, Inc.

Part # P992G1
Description  SB® 50 Connectors Up to 120 amps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

P992G1 Datasheet(HTML) 7 Page - Anderson Power Products, Inc.

  P992G1 Datasheet HTML 1Page - Anderson Power Products, Inc. P992G1 Datasheet HTML 2Page - Anderson Power Products, Inc. P992G1 Datasheet HTML 3Page - Anderson Power Products, Inc. P992G1 Datasheet HTML 4Page - Anderson Power Products, Inc. P992G1 Datasheet HTML 5Page - Anderson Power Products, Inc. P992G1 Datasheet HTML 6Page - Anderson Power Products, Inc. P992G1 Datasheet HTML 7Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Description
Part Number
Quantity
Cable Clamp Kit Includes
1 Clamp, 4 Screws and 1 Cable Tie
* SB50 Plastic Cable Clamp Kit (includes ties and screws), Black
B02644GKIT1
1
* SB50 Plastic Cable Clamp Only, Black
B02644P1
1,000
or
* SBS50 Plastic Cable Clamp Kit (includes ties and screws), Gray
B02647GKIT1
1
* SBS50 Plastic Cable Clamp Only, Gray
B02647P1
1,000
Wire Ties Used With Both SB50 and SBS50 Clamps
3/16 in x 7 in (4.8mm X 178mm)
H1835P3
1,000
Screws Used With Both SB50 and SBS50 Clamps - M4 X 8mm
H1120P60
1,000
**
* It is important to note that the SB50 and SBS50 Clamps vary to fit the unique features of
the SB50 and SBS50
** 1,000 clamps purchased in bulk, requires 4,000 screws
Plastic Cable Clamp
These rugged cable clamps are manufactured out of non-conductive, impact resistant Polycarbonate plastic. The design is simple to assemble, offer versatility
by accommodating multiple wire sizes, and a solution for two wire clamping applications.
Wire Size
Loose Piece Part
Number
Loose Piece Contact Crimp Tools
AWG
mm²
Silver Plating
Hand Tool
OR Pneumatic
Tool
+ Die
+ Locator
Number of
Crimps
SB® 50
6
13.3
1307
1309G4
1387G1
1388G6
1389G6
Single
5900
8
8.4
5952
10 to 12
5.3 to 3.3
5953
1388G7
5915
NOTE: See website for the most current information.
SB® Tooling Information
All Data Subject to Change Without Notice 2024-0103 DS-SB50 REV 8
Your Best Connection™
Anderson™ will use reasonable efforts to include accurate and up-to-date content in the data sheet. All product information contained in the data sheet including ordering information,
illustrations, specifications, and dimensions, are believed to be reliable as of the date of publishing, but is subject to change without notice. Anderson™ makes no warranty or representation
as to its accuracy. Content in the data sheet may contain technical inaccuracies, typographical errors and may be changed or updated without notice. Anderson™ may also make
improvements and/or changes to the products and/or to the programs described in the content at any time without notice. Current sales drawings and specifications are available upon
request.
©2024 Anderson Power Products, Inc. All rights reserved. A®, Anderson Power Products®, SB®, are registered trademarks of Anderson Power Products, Inc. Anderson™, Anderson
Power™, Anderson Power™ logo and Your Best Connection™ are trademarks of Anderson Power Products, Inc.
HEADQUARTERS: Anderson Power Products®, 13 Pratts Junction Road, Sterling, MA 01564-2305 USA T: +1 978-422-3800 F: +1 978-422-0128 • EUROPE: Anderson
Power Products® Ltd., Unit 3, Europa Court, Europa Boulevard, Westbrook, Warrington, Cheshire, WA5 7TN United Kingdom T: +44 (0) 1925 428390 F: +44 (0) 1925
520203 •
GERMANY: IDEAL® Industries Germany GmbH, Esslinger Strasse 7, D – 70771 Leinfelden-Echterdingen, T: +49 (0) 711 – 997606666 • ASIA / PACIFIC:
IDEAL® Anderson Asia Pacific Ltd., Unit 922-928 Topsail Plaza, 11 On Sum Street, Shatin N.T., Hong Kong T: +(852) 2636 0836 F: +(852) 2635 9036 •
INDIA: IDEAL®
INDUSTRIES India Private Limited, 229-230, SPAZEDGE, Tower B, Sector 47, Sohna Road, Gurgaon – 122018, Haryana, India T: +(91) 956-0075905 T: +(91) 124-4495101
•
CHINA: IDEAL® Anderson Technologies (Shenzhen) Ltd., Block A8 Tantou Western Industrial Park, Songgang Baoan District, Shenzhen, PR. China 518105 T: +(86) 755
2768 2118 F: +(86) 755 2768 2218 • www.ideal-Industries.in • www.andersonpower.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com