Electronic Components Datasheet Search
  English  ▼

X  

P992G2 Datasheet(PDF) 5 Page - Anderson Power Products, Inc.

Part # P992G2
Description  SB® 50 Connectors Up to 120 amps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

P992G2 Datasheet(HTML) 5 Page - Anderson Power Products, Inc.

  P992G2 Datasheet HTML 1Page - Anderson Power Products, Inc. P992G2 Datasheet HTML 2Page - Anderson Power Products, Inc. P992G2 Datasheet HTML 3Page - Anderson Power Products, Inc. P992G2 Datasheet HTML 4Page - Anderson Power Products, Inc. P992G2 Datasheet HTML 5Page - Anderson Power Products, Inc. P992G2 Datasheet HTML 6Page - Anderson Power Products, Inc. P992G2 Datasheet HTML 7Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
“T” Handle *
The “T” handle makes mating and unmating the connector easier. The
non-conductive red plastic material is strong and safe. (2) Self tapping
screws are used to secure the handle to the connector housing.
Description
Part Numbers
Minimum Quantity
1,000
50
Red “T” Handle + Hardware Bag
-
SB50-HDL-RED
Hardware Bag (2 Screws)
-
104G17
Red “T” Handle Only
113899P1
-
#8 x 5/8” Screw (Order 2 Per Handle) H1120P55
-
* Torque value 12 (in - lbs) / 1.4 (Nm)
“A” frame handle for SB® 50 *
Handle makes mating and unmating the connector easier.
The non-conductive gray plastic material is strong and safe.
Machine screws and locknuts included.
Description
Part Number
Minimum Quantity
200
Gray “A” Handle & Hardware
997G1
* Torque value 12 (in - lbs) / 1.4 (Nm)
Dust Cover
Prevents dust and dirt from entering the mating interface of
the connector when unmated.
NOTE: Not a Hermetic Seal.
Description
Part Numbers
Minimum Quantity
500
50
Dust Cover with Lanyard Strap, Red
113890P1 134G1
SB® Accessories
(2) Self-tapping
Screws
Handle
Connector
Housing
Screws
Handle
Connector
Housing not
Included
Locknuts
Slide cover over
mating end.
Housing not included.
ATTRIBUTES
SB® 50
AMP Rating AC/DC
50
Voltage Rating AC/DC (Steady State)
250
Breaking Capacity -
AMP Rating / Cycles
50 / 10 Cycles
Voltage Rating (Breaking Capacity)
220 VDC
Finger Safety - Mated Only
IEC 60529 - IP20
Wire Size Tested
16 mm²
Contact Series Tested
5900/1307
Climatic Testing (Cold, Heat & MFG)
IEC 60512 Test-11j, 11i & 11g
Cycle Life
IEC 60512 Test 9a - 5,000 Cycles
Mechanical Strength Impact
IEC 60512-5 @ 29.5 Inches- Dropped 8 times
Temperature Range
-20°C to 105°C
-4°F to 221°F
PROTECTION
Touch Safety with Wire Contacts &
PCB Mating Interface
IEC 60529
IP10 unmated
Environmental Sealing with Boots
IEC 60529
IP64
Connector
Series
Configurations
Creepage /
Clearance
per IEC
60950-1
Material
Group
SB® 50
Unmated
2.99 mm
IIIa
Mated
2.99 mm
IEC INFORMATION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com