Electronic Components Datasheet Search
  English  ▼

X  

5952 Datasheet(PDF) 1 Page - Anderson Power Products, Inc.

Part # 5952
Description  SB® 50 Connectors Up to 120 amps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

5952 Datasheet(HTML) 1 Page - Anderson Power Products, Inc.

  5952 Datasheet HTML 1Page - Anderson Power Products, Inc. 5952 Datasheet HTML 2Page - Anderson Power Products, Inc. 5952 Datasheet HTML 3Page - Anderson Power Products, Inc. 5952 Datasheet HTML 4Page - Anderson Power Products, Inc. 5952 Datasheet HTML 5Page - Anderson Power Products, Inc. 5952 Datasheet HTML 6Page - Anderson Power Products, Inc. 5952 Datasheet HTML 7Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SB® 50 Connectors
Up to 120 amps
SB® 50 ORDERING INFORMATION
Based off the design pioneered by Anderson™ in 1953,
the two pole SB® connectors set the standard for DC power
distribution and battery connections. SB®50 connectors
feature a one piece plastic housing using stainless steel
springs to hold low resistance contacts in place. Wires
sizes from 16 to 6 AWG (1.5 to 16 mm²) are held in the
smallest of the SB® series housings.
• Low Resistance Silver or Tin Plated Copper Contacts
Allows UL rated currents up to 120 amps
• UL Rated for Hot Plugging up to 50 Amps
Great for battery or other applications where the ability to
interrupt circuits is required
• Wire, PCB, and Busbar Contacts
Allows one connection system to meet multiple needs
SB® 50 Standard Housings
The smallest SB® housings work with wire contacts up to
6 AWG (16 mm²) as well as PCB, and busbar contacts.
Genderless design mates with itself. Mechanical keys are
color-coded.
Description
Part Numbers
Minimum Quantity
500
100
Yellow
992G5-BK 992G5
Orange
992G7-BK 992G7
Red
992G1-BK 992G1
Gray
992-BK
992
Blue
992G4-BK 992G4
Green
992G6-BK 992G6
Black
992G2-BK 992G2
NOTE: SB® 50 Black and Gray housings have the
same keying features and can be intermated.
SB® 50 Chemical Resistant Housings
Same features as the Standard SB® 50 but molded in a
chemical resistant PBT/PC blend. Suitable for use to -40°C.
Description
Part Numbers
Minimum Quantity
500
100
Red
P992G1-BK
P992G1
Gray
P992-BK
P992
Black
P992G2-BK
P992G2
NOTE: SB® 50 Black and Gray housings have the
same keying features and can be intermated.
[ 81.3 ]
3.20
[ 3.7 ]
Ø 0.14
(2) PLC’S
[ 15.9 ]
0.63
Material ID
[ 35.1 ]
1.38
[ 22.5 ]
0.89
[ 19.1 ]
0.75
[ 6.4 ]
0.25
Bottom View
Mated Length
P = Chemical Resistant


Similar Part No. - 5952

ManufacturerPart #DatasheetDescription
logo
3M Electronics
5952 3M-5952 Datasheet
796Kb / 9P
Tapes provide the convenience and simplicity of a tape fastener and are ideal for use in many interior and exterior bonding applications. In many situations, they can replace rivets
Nov-2015
logo
Anderson Power Products...
5952 APP-5952 Datasheet
1Mb / 13P
PP15/45 series are the smallest Powerpole® housings.
REV C7
5952 APP-5952 Datasheet
1Mb / 7P
SB® 50 Connectors Up to 120 amps
REV C7
logo
Alpha Wire
5952 ALPHAWIRE-5952 Datasheet
403Kb / 3P
28 (SOLID) AWG Silver Plated Copper
logo
Anderson Power Products...
5952 APP-5952 Datasheet
556Kb / 4P
SB® Environmental Boots
REV 03
More results

Similar Description - 5952

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
Powerpole Connectors PP75 up to 120 Amps
6319 ETC-6319 Datasheet
959Kb / 6P
SB짰 50 Connectors - up to 120 amps
REV C3.1
logo
Anderson Power Products...
SBS APP-SBS Datasheet
1Mb / 11P
SBS® Connectors Up to 110 amps
REV C7.1
PP120 APP-PP120 Datasheet
885Kb / 6P
Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
SB120 APP-SB120 Datasheet
1Mb / 5P
SB® 120 Connectors Up to 240 Amps
REV C7
SB175 APP-SB175 Datasheet
1Mb / 9P
SB® 175 Connectors Up to 280 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
SB® 50 Connectors Up to 120 amps
REV C7
SBE320 APP-SBE320 Datasheet
1Mb / 9P
SBE® 320 / SBX® 350 Connectors Up to 550 Amps
REV C7
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com