Electronic Components Datasheet Search
  English  ▼

X  

261G2 Datasheet(PDF) 6 Page - Anderson Power Products, Inc.

Part # 261G2
Description  Powerpole® Connectors - PP15 to PP45 : up to 55 Amps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

261G2 Datasheet(HTML) 6 Page - Anderson Power Products, Inc.

Back Button 261G2 Datasheet HTML 2Page - Anderson Power Products, Inc. 261G2 Datasheet HTML 3Page - Anderson Power Products, Inc. 261G2 Datasheet HTML 4Page - Anderson Power Products, Inc. 261G2 Datasheet HTML 5Page - Anderson Power Products, Inc. 261G2 Datasheet HTML 6Page - Anderson Power Products, Inc. 261G2 Datasheet HTML 7Page - Anderson Power Products, Inc. 261G2 Datasheet HTML 8Page - Anderson Power Products, Inc. 261G2 Datasheet HTML 9Page - Anderson Power Products, Inc. 261G2 Datasheet HTML 10Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.andersonpower.com
- 25 -
All Data Subject To Change Without Notice
[ 102.2 ]
4.03
[ 86.2 ]
3.39
[ 85.8 ]
3.38
[ 53 ]
2.09
[ 43.2 ]
1.70
[ 51.1 ]
2.01
Blindmate Pak Connector
Ideal for panel to panel, bulkhead to bulkhead, or rack mount applications that require the
power connector to compensate for up to 0.45 in. [11.43 mm] of misalignment in either axis.
Eight positions can be filled with Powerpole® 10-45 connectors. The receptacle side can be
used with wire or PCB contacts. Hardware bag includes retaining pins.
Description
---------- Part Numbers ----------
Minimum Quantity ....................................................
50
25 ..........
2x4 Blindmate Plug Shell, Hardware & Pins
-
BMPP10-45P
2x4 Blindmate Receptacle Shell, Hardware & Pins
-
BMPP10-45R
2x4 Blindmate Plug Shell
BMHSG-P
-
2x4 Blindmate Receptacle Shell
BMHSG-R
-
Hardware Bag Plug Side
-
110G50
Hardware Bag Receptacle Side
-
110G51
“T” Pak 2 Way Splitter
The Powerpole® “T” Pak connector is a 2 way electrical splitter that splits electrical current from
one incoming circuit into two outgoing circuits. The standard configuration is pre-wired for AC
3 phase, 3 wire plus ground configurations. The “T” Pak can also be used for AC single phase
plus ground or DC 2 wire plus ground applications by not using either the red or white power
positions. “T” Pak is pre-wired from the factory allowing plug and play field installation
of modular office and industrial equipment. UL recognition up to 20 amps and 600 volts is
achieved when mating Powerpole® Pak plugs are used with #12 AWG wire.
For OEM manufacturing scale applications, the “T” Pak can be loaded with custom
configurations of any of APP®’s finger proof, standard, or ground housings and contacts
in the PP15-45 series. Contact APP® sales or customer service for additional information.
Description
- Part Numbers -
Minimum Quantity ............................
80
........
Assembled “T” Pak
20-01
Mating Plug Shell with Latch 2x2
26-01
Mating Plug Shell without Latch 2x2
27-01
Standard configuration for each side of the T includes (1) each Red, Black, and White Standard
PP 15-45 Housings & 261G2-LPBK contacts with (1) 45A Green Premate Ground Housing and
1830G1-LPBK contact.
Mating plug shells include (1) each Red, Black, and White Standard PP 15-45 Housings &
(3) 261G2-LPBK contacts with (1) 45A Green Premate Ground Housing and 1830G1-LPBK
contact. Cable clamp & hardware pak also included.
[ 88.6 ]
3.49
[ 76.4 ]
3.01
[ 5.0 ]
Ø 0.20 4
[ 38.6 ]
1.52
[ 58.93 ]
2.320
[ 24.38 ]
0.960
[ 13.46 ]
0.530
[ 3.05 ]
0.120
[47.24]
1.860
[ 36.7 ]
1.45
[ 50.8 ]
2.00
Plug Outline
Receptacle Outline
[ 30.2 ]
1.19
[21.5]
0.85
[4.4]
0.17
[ 29.14 ]
1.147
[ 36.7 ]
1.45
[ 0.64 ]
0.025
[ 0.64 ]
0.025
A
B
C
Mates With B
Mates With A & C
27 - 01
26 - 01
See APP®’s innovative MARC Connector that offers straight-on or rotational blindmate capability.
MARC holds 6 PP15/45 power contacts and 2 PP15/45 premate ground contacts in a high temperature
housing. Visit our website, www.andersonpower.com to learn more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com