Electronic Components Datasheet Search
  English  ▼

X  

B02130P4 Datasheet(PDF) 7 Page - Anderson Power Products, Inc.

Part # B02130P4
Description  Rugged and Sealed (IP68) Plugs and Receptacles
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

B02130P4 Datasheet(HTML) 7 Page - Anderson Power Products, Inc.

  B02130P4 Datasheet HTML 1Page - Anderson Power Products, Inc. B02130P4 Datasheet HTML 2Page - Anderson Power Products, Inc. B02130P4 Datasheet HTML 3Page - Anderson Power Products, Inc. B02130P4 Datasheet HTML 4Page - Anderson Power Products, Inc. B02130P4 Datasheet HTML 5Page - Anderson Power Products, Inc. B02130P4 Datasheet HTML 6Page - Anderson Power Products, Inc. B02130P4 Datasheet HTML 7Page - Anderson Power Products, Inc. B02130P4 Datasheet HTML 8Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
0
10
20
30
40
50
60
0 10
20
30
40
50
60
70
80
Mid Power SPEC Pak®
Four Power Contacts / Eight Signal Contacts 5A
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
| TEMPERATURE CHART |
Ordering Information
C04 Housing Arrangement
Configured with up to 4 PP75 Contacts - Up to 80 Amps
5916G4
5916G5
E
5916G6
5916G4
5916G5
5916G7
5916G4
Custom Configuration
AC Single Phase
AC 3 Phase, 3 Wire
DC 2 Circuit, 4 Wire
All Black
A
0
C
B
Z
5916G7
5916G4
5916G7
5916G4
5916G4
5916G4
5916G4
E
| Standard Housing Arrangements |
1309G4
1387G1
1388G6
1389G6
1309G4
1387G1
1388G7
1389G6
Hand
Pneumatic
Tool
Tool
Die
Locator
For use with 6 AWG
For use with 12/10 AWG
.................
.................
...................................................................................
E = Empty
TP0001 TL0001
TP0002 TL0002
Pnuematic
Tool
Locator
TM0001 TL0001
TM0001 TL0002
Hand
Tool
Locator
Hand
Tool
PM1000G1
PM1000G1
For use with pins
For use with sockets
Spacer & Keying Accessory
Description
-------- Part Number --------
Minimum Quantity .....
1000
100 ....
Red, Short
1399G23-BK
1399G23
Red, Long
1399G21-BK
1399G21
Short
Long
PP75 Standard Power Contacts, Signal Contacts & Housings
Description
-------- Part Number --------
Minimum Quantity .. 1000
100
.....
Red
5916G7-BK 5916G7
Green
5916G6-BK 5916G6
Black
5916G4-BK 5916G4
White
5916G5-BK 5916G5
Blue
5916-BK
5916
Yellow
5916G15-BK 5916G15
Orange
5916G14-BK 5916G14
Gray
5916G16-BK 5916G16
PP75 Silver Plated Wire Contacts
Mating
Contact Code
Type
AWG
mm²
Force
-- Part Numbers --
Designation
Minimum Quantity ...............................
1000
100
........................
Individual 6
13.3
Low
1307-BK 1307
70
Individual 8
8.4
Low
Please inquire
71
Individual 12 to 10 3.3 to 5.3 Low
5953-BK 5953
72
Auxiliary Contacts (PowerMod® series)
Type
AWG
mm²
---- Part Number ---
Minimum Quantity…..................
500
50
.....
Standard Length 7.7mm
Pin
24 to 20
0.50 to 0.75
PM16P2024S30
PM16P2024S30-50
Pin
20 to 18
0.75 to 1.00
PM16P1620S30
PM16P1620S30-50
Pin
16 to 14
1.00 to 1.5
PM16P1416S30
PM16P1416S30-50
Pin
12
2.50
PM16P12S30
PM16P12S30-50
Pre-Mate 9.3mm
Pin
24 to 20
0.50 to 0.75
PM16P2024A30
PM16P2024A30-50
Pin
20 to 18
0.75 to 1.00
PM16P1620A30
PM16P1620A30-50
Pin
16 to 14
1.00 to 1.5
PM16P1416A30
PM16P1416A30-50
Pin
12
2.50
PM16P12A30
PM16P12A30-50
Post-Mate 6.4mm
Pin
24 to 20
0.50 to 0.75
PM16P2024C30
PM16P2024C30-50
Pin
20 to 18
0.75 to 1.00
PM16P1620C30
PM16P1620C30-50
Pin
16 to 14
1.00 to 1.5
PM16P1416C30
PM16P1416C30-50
Pin
12
2.50
PM16P12C30
PM16P12C30-50
------------------------------------------------------------------------------------------------------------
Socket
24 to 20
0.25 to 0.50
PM16S2024S32
PM16S2024S32-50
Socket
20 to 16
0.50 to 1.30
PM16S1620S32
PM16S1620S32-50
Socket
16 to 14
1.30 to 2.10
PM16S1416S32
PM16S1416S32-50
Socket
12
2.5
PM16S12S32
PM16S12S32-50



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com