Electronic Components Datasheet Search
  English  ▼

X  

200G2L Datasheet(PDF) 2 Page - Anderson Power Products, Inc.

Part # 200G2L
Description  Powerpole® Connectors - PP15 to PP45 : up to 55 Amps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

200G2L Datasheet(HTML) 2 Page - Anderson Power Products, Inc.

  200G2L Datasheet HTML 1Page - Anderson Power Products, Inc. 200G2L Datasheet HTML 2Page - Anderson Power Products, Inc. 200G2L Datasheet HTML 3Page - Anderson Power Products, Inc. 200G2L Datasheet HTML 4Page - Anderson Power Products, Inc. 200G2L Datasheet HTML 5Page - Anderson Power Products, Inc. 200G2L Datasheet HTML 6Page - Anderson Power Products, Inc. 200G2L Datasheet HTML 7Page - Anderson Power Products, Inc. 200G2L Datasheet HTML 8Page - Anderson Power Products, Inc. 200G2L Datasheet HTML 9Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.andersonpower.com
- 21 -
All Data Subject To Change Without Notice
See website for PCB layout drawing.
Open Barrel Contact
A
B
[ 16.26 ]
0.64
[ 3.81 ]
0.15
[ 7.35 ]
0.29
[ 17.27 ]
0.68
[ 3.81 ]
0.15
[ 6.35 ]
0.25
A
Closed Barrel Contact
[ 9.9 ]
0.39
A
B
[ 3.1 ]
0.12
A
Housing end
[ 19.1 ]
0.75
[ 6.4 ]
0.25
[ 3.6 ]
0.14
[ 6.1 ]
0.24
[ 6.1 ]
0.24
Open Barrel Premate Contact
PP15-45 Silver Plated Power Contacts
Maximize performance by offering up to 10,000 mating cycles and are recommended for circuit interrupt or
hot plug applications. See specifications and temperature charts for amperage ratings by wire size. Only closed
barrel contacts are suitable for soldering.
Dimensions
Mating
Loose Piece
Reeled
- A -
- B -
Barrel
AWG
mm²
Force -------- Part Number --------- Part Number inches mm
inches mm
Minimum Quantity ..........................................
5,000
200
5,000
.................................................
Open
14 to 10 K*
2.1 to 5.3
Low
-
261G3-LPBK
261G3
0.20
5.08
-
-
Open
14 to 10 SF* 2.1 to 6.0
High
-
-
201G3H
0.24
6.10
-
-
Open
14 to 10 SF* 2.1 to 6.0
Low
-
200G3L-LPBK 200G3L
0.24
6.10
-
-
Open
16 to 12
1.3 to 3.3
Low
-
261G4-LPBK
261G4
0.18
4.57
-
-
Open
20 to 16
0.52 to 1.3 Low
-
262G2-LPBK
262G2
0.16
4.06
-
-
Open
20 to 16 SF* 0.52 to 1.5 Low
-
-
200G4L
0.20
5.08
-
-
Closed
16 to 12
1.3 to 3.3
Low
1331-BK
1331
-
0.15
3.81 0.10
2.54
Closed
20 to 16
0.52 to 1.3 Low
1332-BK
1332
-
0.12
3.05 0.07
1.78
K* - For #10 AWG class K stranded wire or smaller. For larger wires use superflex contacts.
SF*- Indicates wires with high stranding such as Super Flex.
45A Premate Ground Wire Contacts
Tin or silver plated contacts are rated for ground or power. Hand tools are available for loose piece
contacts. Reeled contacts can be used with high volume press and applicator tooling. Tin contacts
are rated for up to 1,500 mating cycles. Silver contacts are rated up to 10,000 mating cycles.
Reeled
Mating
Loose Piece
Part
Type
AWG
mm²
Force
- Part Numbers - - Numbers -
Minimum Quantity .............................................
200
5,000 .....
Open, Tin
14 to 10
2.1 to 6.0
Low
1830G1-LPBK
1830G1
Open, Silver
14 to 10
2.1 to 6.0
Low
1830G2-LPBK
1830G2
25A Right Angle PCB Contacts Tin Plated
Suitable for right angle applications up to 25A per pole. Tin plating enhances solderability.
Cannot be mixed with 45A PCB contacts. For mating with wire contacts only.
Dimensions
Mating
Loose Piece
- A -
- B -
Row
Force
------- Part Numbers ------- inches mm
inches mm
Minimum Quantity ... 1,000
100
...................................................
Top
Low
1377G1-BK
1377G1
0.59
14.80 1.52
38.60
High
1317G1-BK
1317G1
Bottom
Low
1377G2-BK
1377G2
0.29
7.20
1.36
34.50
High
1317G2-BK
1317G2
Top
Low
1377G11-BK 1377G11 0.59
14.80 1.21
30.70
High
1317G11-BK 1317G11
Bottom
Low
1377G12-BK 1377G12 0.29
7.20
1.01
25.70
High
1317G12-BK 1317G12
25A Vertical PCB Contacts Tin Plated
For mating with wire contacts only. Suitable for vertical applications up to 25A per pole,
tin plating enhances solderability.
Dimensions
Mating
Loose Piece
- A -
Force
---------------- Part Numbers --------------- inches mm
Minimum Quantity .... 1,000
100
.......................
Low
1377G3-BK
1377G3
2.22
56.40
High
1317G3-BK
1317G3
2.22
56.40
Low
1377G4-BK
1377G4
1.76
44.70
High
1317G4-BK
1317G4
1.76
44.70
Low
1377G13-BK 1377G13 1.17
29.70
High
1317G13-BK 1317G13 1.17
29.70
45A Right Angle and Vertical PCB Contacts Tin Plated
Suitable for right angle or vertical applications up to 45A per pole. Tin plating
enhances solderability. Right angle contacts cannot be mixed with 25A PCB
contacts. For mating with wire contacts only.
Loose Piece
Description
----------- Part Numbers -----------
Minimum Quantity ............. 1,000
100 ....................
Vertical
3-5911P1
1335G1
Right Angle Bottom Row
3-5912P1
1336G1
Right Angle Top Row
3-5913P1
1337G1
[ 5.1 ]
0.20
[ 7.9 ]
0.31
TYP
[ 29.7 ]
1.17
REF
[ 7.9 ]
0.31
TYP
Vertical
[ 36.5 ]
1.44
[ 28.6 ]
1.13
[ 5.8 ]
0.23
[ 16.3 ]
0.64
Right Angle Contact
Horizontal (top), Cat.No. 1337G1
Right Angle Contact
Horizontal (bottom)
Cat.No. 1336G1
PP15/45 Housings
(1327 Series)
Use mounting staples with right angle contacts
(see accessories).
Use mounting staples with right angle contacts (see accessories).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com