Electronic Components Datasheet Search
  English  ▼

X  

1331 Datasheet(PDF) 1 Page - Anderson Power Products, Inc.

Part # 1331
Description  SBE® 160 / SBX® 175 Connectors Up to 280 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

1331 Datasheet(HTML) 1 Page - Anderson Power Products, Inc.

  1331 Datasheet HTML 1Page - Anderson Power Products, Inc. 1331 Datasheet HTML 2Page - Anderson Power Products, Inc. 1331 Datasheet HTML 3Page - Anderson Power Products, Inc. 1331 Datasheet HTML 4Page - Anderson Power Products, Inc. 1331 Datasheet HTML 5Page - Anderson Power Products, Inc. 1331 Datasheet HTML 6Page - Anderson Power Products, Inc. 1331 Datasheet HTML 7Page - Anderson Power Products, Inc. 1331 Datasheet HTML 8Page - Anderson Power Products, Inc. 1331 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SBE® 160 / SBX® 175 Connectors
Up to 280 Amps
SBX® and SBE® connectors can integrate up to 8 auxiliary power /
signal contacts along with the two primary power circuits. SBE®
connectors feature an IEC 60950 touch safe housing molded
from a chemical resistant PBT / PC blend resin. SBX® are molded
from a rugged PC resin and are rated IP20 per IEC 60529.
• Meets EN1175:2020
• Touch Safe Interface
Minimizes potential contact with live circuits per IEC 60950
& IEC 60529
• Up to 8 Last Mate / First Break Auxiliaries
Enables intelligent power switching, CAN and interlock loop
circuitry, as well as power up to 20 amps per pole
• Color-coded Mechanical Voltage Keys
Like all Multipole connectors, the SBE® and SBX® offer an
easy way to identify circuits and protect against cross mating
SBE® 160
SBE® 160 / SBX® 175 ORDERING INFORMATION
SBE® 160 / SBX® 175 Housings
The middle size of SBE®, X, O style housing. SBE® housings are molded from a chemical
resistant PBT. SBX® housings are molded from PC. SBE® 160 and SBX® 175 housings of the
same Voltage Color-Code can be mated (except yellow) but is not recommended as it
invalidates UL approvals. SBX® 175 housings do not meet EN1175:2020 requirements for
industrial trucks.
Description
SBE® 160 Part Numbers
SBX® 175 Part Numbers
Minimum Quantity
100
25
100
25
Yellow
2-8170G4
E6383G1
2-7251G4
6383G1
Orange
2-8170G3
E6382G1
2-7251G3
6382G1
Red
2-8170G5
E6385G1
2-7251G5
6385G1
Gray
2-8170G1
E6380G1
2-7251G1
6380G1
Blue
2-8170G2
E6381G1
2-7251G2
6381G1
Green
2-8170G7
E6390G1
2-7251G7
6390G1
Black
2-8170G14
E6392G1
N/A
N/A
* Yellow SBE® 160 and SBX® 175 housings are NOT intermateable.
SBE® 160 / SBX® 175 Silver Plated Primary Power Wire Contacts
Use two silver plated contacts per housing for the best electrical performance
and durability up to 10,000 mating cycles. See reducing bushings in accessory section
for smaller wires.
Dimensions
- A -
AWG mm²
Loose Piece Part Numbers
inches mm
Minimum Quantity
500
50
1/0
50
6384G1-BK
6384G1 *
0.44
11.1
2
35
6384G2-BK
6384G2 *
0.38
9.7
* Sold as pairs. 2 parts shipped for every 1 part ordered.
[ 13.1 ]
Ø 0.52
[ 59.2±1.5 ]
2.33±.06
[ 11.1 ]
Ø 0.44
[ 12.7 ]
0.50
[ 9.5 ]
Ø 0.38
6384G1
6384G2
Top View
Mated Length
[ 146.0 ]
5.75
[ 25.4 ]
1.00
[ 92.1 ]
3.63
[ 71.2 ]
2.80
[ 15.9 ]
0.63
[ 49.2 ]
1.94
[ 28.6 ]
1.13
Ø [ 6.7 ]
0.27


Similar Part No. - 1331

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
1331 YANTEL-1331 Datasheet
137Kb / 2P
SMD RF Manual Tunable Inductor
logo
Anderson Power Products...
1331 APP-1331 Datasheet
1Mb / 13P
PP15/45 series are the smallest Powerpole® housings.
REV C7
logo
CEE Norm UK Ltd
1331 CEENORM-1331 Datasheet
1Mb / 4P
Socket Outlets
logo
List of Unclassifed Man...
1331-101K ETC1-1331-101K Datasheet
35Kb / 1P
Shielded Surface Mount Inductors
logo
API Delevan
1331-101K API-1331-101K Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
More results

Similar Description - 1331

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
SBS APP-SBS Datasheet
1Mb / 11P
SBS® Connectors Up to 110 amps
REV C7.1
PP120 APP-PP120 Datasheet
885Kb / 6P
Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
SB120 APP-SB120 Datasheet
1Mb / 5P
SB® 120 Connectors Up to 240 Amps
REV C7
SB175 APP-SB175 Datasheet
1Mb / 9P
SB® 175 Connectors Up to 280 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
SB® 50 Connectors Up to 120 amps
REV C7
SBE320 APP-SBE320 Datasheet
1Mb / 9P
SBE® 320 / SBX® 350 Connectors Up to 550 Amps
REV C7
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com