Electronic Components Datasheet Search
  English  ▼

X  

441G1 Datasheet(PDF) 2 Page - Anderson Power Products, Inc.

Part # 441G1
Description  SBE® 160 / SBX® 175 Connectors Up to 280 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

441G1 Datasheet(HTML) 2 Page - Anderson Power Products, Inc.

  441G1 Datasheet HTML 1Page - Anderson Power Products, Inc. 441G1 Datasheet HTML 2Page - Anderson Power Products, Inc. 441G1 Datasheet HTML 3Page - Anderson Power Products, Inc. 441G1 Datasheet HTML 4Page - Anderson Power Products, Inc. 441G1 Datasheet HTML 5Page - Anderson Power Products, Inc. 441G1 Datasheet HTML 6Page - Anderson Power Products, Inc. 441G1 Datasheet HTML 7Page - Anderson Power Products, Inc. 441G1 Datasheet HTML 8Page - Anderson Power Products, Inc. 441G1 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SBE® 160 / SBX® 175 CONNECTOR TEMPERATURE CHARTS - Temperature rise charts
are based on a 25°C ambient temperature.
Current - Temperature Derating per IEC 60512-5-2 Test 5B
25
50
75
100
125
SBE® 160 / SBX® 175
Derating vs. Ambient Temperature
Amperes Applied
1/0 AWG
1 AWG
2 AWG
4 AWG
0
50
100
150
200
250
SBE® 160 / SBX® 175
Temperature Rise at Constant Current
Amperes Applied
1/0 AWG
1 AWG
2 AWG
4 AWG
0
10
20
30
40
50
60
0
50
100
150
200
250
0
200
400
600
800
1000
1200
1400
1600
0
20
40
60
80
100 120 140
Time (Seconds)
SBE®160 / SBX®175 InRush Current Curve
Based on 40°C Rise
2 AWG
1/0 AWG / 50 mm²
EN1175:2020 Rating
Rated Current
(A)
Cable cross-section
(mm2)
160
35



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com