Electronic Components Datasheet Search
  English  ▼

X  

1381 Datasheet(PDF) 7 Page - Anderson Power Products, Inc.

Part # 1381
Description  Rugged and Sealed (IP68) Plugs and Receptacles
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

1381 Datasheet(HTML) 7 Page - Anderson Power Products, Inc.

Back Button 1381 Datasheet HTML 3Page - Anderson Power Products, Inc. 1381 Datasheet HTML 4Page - Anderson Power Products, Inc. 1381 Datasheet HTML 5Page - Anderson Power Products, Inc. 1381 Datasheet HTML 6Page - Anderson Power Products, Inc. 1381 Datasheet HTML 7Page - Anderson Power Products, Inc. 1381 Datasheet HTML 8Page - Anderson Power Products, Inc. 1381 Datasheet HTML 9Page - Anderson Power Products, Inc. 1381 Datasheet HTML 10Page - Anderson Power Products, Inc. 1381 Datasheet HTML 11Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
- 7 -
www.andersonpower.com |
| SPECIFICATIONS |
Mechanical
Operating Temp
-40°C to 105°C (-40°F to 221°F)
IP Rating
IP68
UV Rating
Equivalent to UL746C F1
Thread Type
PG
Material
Shell
Nylon PA 66 (UL94 V-2)
Gasket
EPDM
Color
Black
Torque Requirements
Cable Gland Body to Plug Housing
- Hand tighten until snug, tighten additional 1/8 - 1/4 turn with wrench
Sealing Nut to Cable
- Hand tighten until snug, tighten additional 1/2 - 3/4 turn with wrench
NOTE:
1. Other PG Gland configurations and specifications are available, please contact the factory.
2. Only UL listed cable glands are UL recognized components when used with SPEC Pak® connector(s).
3. Shading indicates stock item.
| STRAIGHT PLASTIC MULTI-HOLE TYPE - STD PACK 10 / NOT UL LISTED |
Lock Nut
Washer
Body
Seal
Claw
Sealing Nut
C1
C1
| STRAIGHT PLASTIC SHORT THREAD TYPE - STD PACK 10 / UL LISTED |
C1
C1
Lock Nut
Washer
Body
Seal
Sealing Nut
Cable Range
PG
Thread
Panel
Thread
Wrench
Wrench
Wire Protection
Number
Wire Outer
Gland
O.D. C1
Mounting
Length
Size Lock
Size Sealing Designation
of Holes
Dia. mm (in)
Size
mm (in)
Hole mm (in)
C2 mm (in)
Nut (mm)
Nut (mm)
(4 Characters)
-- Part Numbers --
Minimum Quantity …
.....
10
.....
1
26.5 - 21.0 (1.04 - 0.83)
36
47 (1.85)
47 - 47.4 (1.85 - 1.67)
15 (0.59)
57
52
PS04
PS1P36-26X
1
32.0 - 24.0 (1.26 - 0.94)
36
47 (1.85)
47 - 47.4 (1.85 - 1.67)
15 (0.59)
57
52
PS05
PS1P36-32X
1
19.5 - 16.0 (0.77 - 0.63)
42
54 (2.13)
54 - 54.4 (2.13 - 2.14)
15.5 (0.61)
64
62
PS01
PL1P42-19X
1
32.0 - 26.0 (1.26 - 0.79)
42
54 (2.13)
54 - 54.4 (2.13 - 2.14)
15.5 (0.61)
64
62
PS02
PS1P42-32X
1
41.0 - 31.0 (1.61 - 1.22)
42
54 (2.13)
54 - 54.4 (2.13 - 2.14)
15.5 (0.61)
64
62
PS03
PS1P42-41X
Cable Range
PG
Thread
Panel
Thread
Wrench
Wrench
Wire Protection
Number
Wire Outer
Gland
O.D. C1
Mounting
Length
Size Lock
Size Sealing Designation
of Holes
Dia. mm (in)
Size
mm (in)
Hole mm (in)
C2 mm (in)
Nut (mm)
Nut (mm)
(4 Characters)
-- Part Numbers --
Minimum Quantity …
.....
10
.....
2
13.0 - 11.0 (0.51 - 0.43)
36
47 (1.85)
47 - 47.4 (1.85 - 1.67)
15 (0.59)
57
52
PM21
PS2P36-13X
2
9.0 - 7.0 (0.35 - 0.28)
36
47 (1.85)
47 - 47.4 (1.85 - 1.67)
15 (0.59)
57
52
PM22
PS2P36-9X
3
7.8 - 6.5 (0.31 - 0.26)
36
47 (1.85)
47 - 47.4 (1.85 - 1.67)
15 (0.59)
57
52
PM31
PS3P36-7X
3
10 - 7.7 (0.39 - 0.30)
36
47 (1.85)
47 - 47.4 (1.85 - 1.67)
15 (0.59)
57
52
PM32
PS3P36-10X
4
12.0 - 10.0 (0.48 - 0.39)
36
47 (1.85)
47 - 47.4 (1.85 - 1.67)
15 (0.59)
57
52
PM41
PS4P36-12X
5
8.3 - 6.5 (0.33 - 0.26)
36
47 (1.85)
47 - 47.4 (1.85 - 1.67)
15 (0.59)
57
52
PM51
PS5P36-8X
4
10.5 - 8.5 (0.41 - 0.33)
42
54 (2.13)
54 - 54.4 (2.13 - 2.14)
15.5 (0.61)
64
62
PM46
PL4P42-10X
6
7.0 - 5.0 (0.28 - 0.20)
42
54 (2.13)
54 - 54.4 (2.13 - 2.14)
15.5 (0.61)
64
62
PM66
PL6P42-7X
8
7.0 - 5.7 (0.28 - 0.22)
42
54 (2.13)
54 - 54.4 (2.13 - 2.14)
15.5 (0.61)
64
62
PM86
PL8P42-7X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com