Electronic Components Datasheet Search
  English  ▼

X  

1348 Datasheet(PDF) 9 Page - Anderson Power Products, Inc.

Part # 1348
Description  Rugged and Sealed (IP68) Plugs and Receptacles
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

1348 Datasheet(HTML) 9 Page - Anderson Power Products, Inc.

Back Button 1348 Datasheet HTML 4Page - Anderson Power Products, Inc. 1348 Datasheet HTML 5Page - Anderson Power Products, Inc. 1348 Datasheet HTML 6Page - Anderson Power Products, Inc. 1348 Datasheet HTML 7Page - Anderson Power Products, Inc. 1348 Datasheet HTML 8Page - Anderson Power Products, Inc. 1348 Datasheet HTML 9Page - Anderson Power Products, Inc. 1348 Datasheet HTML 10Page - Anderson Power Products, Inc. 1348 Datasheet HTML 11Page - Anderson Power Products, Inc. 1348 Datasheet HTML 12Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
- 9 -
www.andersonpower.com |
Auxiliary Contacts (PowerMod® series)
Contact Code
Type
AWG
mm²
---------------- Part Numbers ---------------
Designation
Minimum Quantity…..................
500
50
..... ....................
Standard Length 7.7mm
Pin
24 to 20
0.50 to 0.75
PM16P2024S30 PM16P2024S30-50
-
Pin
20 to 18
0.75 to 1.00
PM16P1620S30 PM16P1620S30-50
-
Pin
16 to 14
1.00 to 1.5
PM16P1416S30 PM16P1416S30-50
-
Pin
12
2.50
PM16P12S30
PM16P12S30-50
25 thru 29
Pre-Mate 9.3mm
Pin
24 to 20
0.50 to 0.75
PM16P2024A30 PM16P2024A30-50
-
Pin
20 to 18
0.75 to 1.00
PM16P1620A30 PM16P1620A30-50
-
Pin
16 to 14
1.00 to 1.5
PM16P1416A30 PM16P1416A30-50
-
Pin
12
2.50
PM16P12A30
PM16P12A30-50
-
Post-Mate 6.4mm
Pin
24 to 20
0.50 to 0.75
PM16P2024C30 PM16P2024C30-50
-
Pin
20 to 18
0.75 to 1.00
PM16P1620C30 PM16P1620C30-5
-
Pin
16 to 14
1.00 to 1.5
PM16P1416C30 PM16P1416C30-50
-
Pin
12
2.50
PM16P12C30
PM16P12C30-50
-
---------------------------------------------------------------------------------------------------------
Socket 24 to 20
0.25 to 0.50
PM16S2024S32 PM16S2024S32-50
-
Socket 20 to 16
0.50 to 1.30
PM16S1620S32 PM16S1620S32-50
-
Socket 16 to 14
1.30 to 2.10
PM16S1416S32 PM16S1416S32-50
-
Socket 12
2.5
PM16S12S32
PM16S12S32-50
25 thru 29
H03 Housing Arrangement
Configured with up to 3 PP120 Contacts - Up to 190 Amps - Standard & Custom Configuration Options
| HOUSING ARRANGEMENTS |
| POWERPOLE® INSERT HOLDER |
Custom Configuration
A
0
R
1321G1
1321G2 1321G4
1321G1
1321G3
AC Single Phase
DC 1 Circuit, 2 Wire
All Black
Z
1321G1
1321G1
1321G1
E
H03
| POWERPOLE® CONTACTS & HOUSINGS FOR H03 INSERT ARRANGEMENT |
PP120 Housings
Description
------- Part Numbers -------
Minimum Quantity ...
500
50
.......
Red
1321G3-BK 1321G3
Green
1321G4-BK 1321G4
Black
1321G1-BK 1321G1
White
1321G2-BK 1321G2
Blue
1321-BK
1321
PP120 Silver Plated Wire Contacts
Mating
Contact Code
AWG mm²
Force
-------- Loose Piece Part Numbers --------
Designation
Minimum Quantity .......
600
500
50 .......
.......................
1/0
53.5
Low
1323G2-BK
-
1323G2
20
1
42.4
Low
1323G1-BK
-
1323G1
21
2
33.6
High
-
1319-BK
1319
22
4
21.1
High
-
1319G4-BK 1319G4
23
6
13.3
Low
-
6811G4-BK 6811G4
24
NOTE:
1. E = Empty
2. For custom configuration, contact the factory.
3. Arrangement represents front view of the receptacle.
NOTE:
1. Contact code designation #25 to 29 uses 4 each of PM16P12S30 (pins) & 4 each of part number PM16S12S32 (sockets) as signal.
2. See Powerpole® & Multipole Power Connectors Catalog for additional contacts and/or housings options.
3. Application tooling information is available on page 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com