Electronic Components Datasheet Search
  English  ▼

X  

2-8675P2 Datasheet(PDF) 6 Page - Anderson Power Products, Inc.

Part # 2-8675P2
Description  SBE® 160 / SBX® 175 Connectors Up to 280 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

2-8675P2 Datasheet(HTML) 6 Page - Anderson Power Products, Inc.

  2-8675P2 Datasheet HTML 1Page - Anderson Power Products, Inc. 2-8675P2 Datasheet HTML 2Page - Anderson Power Products, Inc. 2-8675P2 Datasheet HTML 3Page - Anderson Power Products, Inc. 2-8675P2 Datasheet HTML 4Page - Anderson Power Products, Inc. 2-8675P2 Datasheet HTML 5Page - Anderson Power Products, Inc. 2-8675P2 Datasheet HTML 6Page - Anderson Power Products, Inc. 2-8675P2 Datasheet HTML 7Page - Anderson Power Products, Inc. 2-8675P2 Datasheet HTML 8Page - Anderson Power Products, Inc. 2-8675P2 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Auxiliary Pin
Contact Lengths
- L -
- L1 -
in.
mm in.
mm
Standard Length 7.7 mm 0.77 19.6 0.30 7.7
Pre-Mate 9.3 mm
0.83 21.2 0.37 9.3
Post-Mate 6.4 mm
0.72 18.3 0.25 6.4
4803G3
4802G3
4827G6
Socket Locations
Socket
Insert
[ 19.6 ]
0.77
[ 2.6 ]
0.10
Retention
Clip
ID
Auxiliary Socket Contacts
Crimp Barrel ID
Wire Gauge
in.
mm.
24 to 20
0.04 1.1
20 to 16
0.07 1.7
16 to 14
0.08 2.1
12
0.10 2.6
Pin Contacts for 1x4 Auxiliary Connector
Gold plated contacts are available in 4 lengths to allow sequencing of circuits.
Description
AWG
mm²
Part Numbers
Minimum Quantity
500
50
Standard Length 7.7 mm 12
2.5
PM16P12S30
PM16P12S30-50
16 to 14
1.0 to 1.5
PM16P1416S30
PM16P1416S30-50
20 to 16
0.75 to 1.0
PM16P1620S30
PM16P1620S30-50
24 to 20
0.50 to 0.75
PM16P2024S30
PM16P2024S30-50
Pre-Mate 9.3 mm
12
2.5
PM16P12A30
-
16 to 14
1.0 to 1.5
PM16P1416A30
-
20 to 16
0.75 to 1.0
PM16P1620A30
-
24 to 20
0.50 to 0.75
PM16P2024A30
-
Post-Mate 6.4 mm
12
2.5
PM16P12C30
-
16 to 14
1.0 to 1.5
PM16P1416C30
-
20 to 16
0.75 to 1.0
PM16P1620C30
-
24 to 20
0.50 to 0.75
PM16P2024C30
-
Socket Contacts for 1x4 Auxiliary Connector
Selectively gold plated contacts offer low resistance and durability up to 10,000 mating cycles.
Description
AWG
mm²
Part Numbers
Minimum Quantity
500
50
Socket Contact 12
2.5
PM16S12S32
PM16S12S32-50
16 to 14 1.0 to 1.5
PM16S1416S32 PM16S1416S32-50
20 to 16 0.75 to 1.0
PM16S1620S32 PM16S1620S32-50
24 to 20 0.50 to 0.75 PM16S2024S32 PM16S2024S32-50
PPMX Auxiliary Connector
The PPMX auxiliary connector allows up to 8 auxiliary circuits to be used in the SBE®, SBO®, &
SBX® housings. There are 4 auxiliary circuits per PPMX connector and two PPMX housings fit
into the auxiliary port in the main connector housing. Rated up to 7 amps 300 volts per contact,
the genderless design holds two each gold plated pin & Socket contacts. This innovation allows
the very durable and cost effective design of SBE®, O, X connectors to be used for applications
requiring up to 8 battery monitoring or equipment vehicle communication circuits. (2) Retaining
pins or (1) Retaining clip is required to hold the auxiliary housing in place.
Auxiliary Kits includes: (1) Auxiliary Housing, (2) Pin Contacts, and (2) Socket Contacts.
Description
AWG
mm²
Part Numbers
Minimum Quantity
1,000
100
25
PPMX Auxiliary Kit
24 to 20 0.50 to 0.25
-
4850G6 -
1x4 Auxiliary Housing Contacts Sold Separately 4827G6-BK
-
4827G6
* No extraction tool required for contact removal.
[ 1.60 ]
Ø 0.06
Retention Clip
L1
L



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com