Electronic Components Datasheet Search
  English  ▼

X  

5920 Datasheet(PDF) 3 Page - Anderson Power Products, Inc.

Part # 5920
Description  SBE® 160 / SBX® 175 Connectors Up to 280 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

5920 Datasheet(HTML) 3 Page - Anderson Power Products, Inc.

  5920 Datasheet HTML 1Page - Anderson Power Products, Inc. 5920 Datasheet HTML 2Page - Anderson Power Products, Inc. 5920 Datasheet HTML 3Page - Anderson Power Products, Inc. 5920 Datasheet HTML 4Page - Anderson Power Products, Inc. 5920 Datasheet HTML 5Page - Anderson Power Products, Inc. 5920 Datasheet HTML 6Page - Anderson Power Products, Inc. 5920 Datasheet HTML 7Page - Anderson Power Products, Inc. 5920 Datasheet HTML 8Page - Anderson Power Products, Inc. 5920 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NOTE 1: See IEC 60664-1 for working voltage.
NOTE 2: Amp ratings are stated per position and based on all positions being
fully loaded.
1 - Based on: 105°C rated or better cable of the largest size. Properly
calibrated Anderson Power™ recommended tooling, and a 25°C ambient
temperature. UL rating not to exceed the maximum operating temperature.
CSA Rating below a 30°C temperature rise.
2 - Limited by the thermal properties of the connector plastic housing.
3 - Use Anderson Power™ recommended tooling only. Alternate tools may
adversely affect the performance of our connectors along with UL and CSA
recognition.
4 - Voltage capability of SBE® housing is identical to SBX®, but derated to meet
EN1175:2020 requirements.
MATERIALS
Housing
SBX® and Powerpole® Plastic Resin
Polycarbonate
SBE® and 1x4 Auxiliary Housing
Polycarbonate / PBT Blend
Contact Retention Spring
Stainless Steel
Housing Flammability Rating
UL94
V-0
Glow Wire - SBE® 160 Only
960°C (GWFI) / 850°C (GWIT)
Power & Powerpole® Contact
Silver Plated Copper Alloy
1x4 Auxiliary Contacts
Pin
Copper Alloy, Au Over Ni
Socket
BeCu, Au Over Ni
Socket Body
Copper Alloy, Sn Bright
Over Ni
Retention Clip
Stainless Steel
PPMX Contacts
Gold Plated Copper Alloy
Contact Termination Methods
Crimp ³
Hand Solder
SBE® 160 / SBX® 175 CONNECTOR SPECIFICATIONS
MECHANICAL
Wire Size Range
AWG
mm²
Power Contacts
10 to 1/0
5.3 to 53.5
Auxiliary Contacts
24 to 10
0.25 to 5.3
Max. Wire Insulation Diameter
in.
mm
Power Contacts
0.600
15.200
Powerpole® Auxiliary
0.175
4.450
1x4 Auxiliary
0.140
3.600
Operating Temperature ²
°F
°C
SBX® and SBE® Housings
-4° to 221°
-20° to 105°
Mating Cycles No Load by Plating
Silver (Ag)
Gold (Au)
Power Contacts
10,000
Powerpole® Auxiliary
10,000
1x4 Auxiliary
10,000
PPMX Auxiliary
5,000
Avg. Mating / Unmating Force
Lbf.
N
Main Connector Housing
30
134
Per Powerpole® Connector
5.00
22.00
Per Contact in 1x4 Auxiliary
0.70
3.00
Per PPMX Housing
4.50
20.00
Min. Contact / Spring Retention Force
Lbf.
N
Power Standard Housing
120
533.7
Powerpole® Housing
25
111
1x4 Auxiliary Housing
10
44.5
PPMX Housing
12
53
ELECTRICAL
SBE® 160 / SBX® 175 Connectors - Up to 280A
Electrical
SBE® / SBX®
SBE® Only
Current Rating Amperes 1
USR
CNR
EN1175:2020
Primary Power (1/0)
280
175
160
Powerpole® Auxiliary
20
20
N/A
1x4 Auxiliary (12 AWG)
20
20
N/A
PPMX Auxiliary (20 AWG)
7
5
N/A
Voltage Ratings
Primary Power Contact
600
600
150
Powerpole® Auxiliary
600
600
150 4
1x4 Auxiliary ( 12 AWG)
600
600
N/A
Dielectric Withstanding Voltage
Volts AC
2,200
2,000
2,000
Avg. Mated Contact Resistance 1
6" of 1/0 AWG Wire
0.1
0.1
UL Hot Plug Current Rating Amperes - 250 Cycles at 120V DC
Power
100
100
Powerpole® Auxiliary
30
30
1x4 Auxiliary
5A
5A
Specifications continued on next page



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com