Electronic Components Datasheet Search
  English  ▼

X  

FM21L16 Datasheet(PDF) 13 Page - Ramtron International Corporation

Part # FM21L16
Description  2Mbit FRAM Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM21L16 Datasheet(HTML) 13 Page - Ramtron International Corporation

Back Button FM21L16 Datasheet HTML 6Page - Ramtron International Corporation FM21L16 Datasheet HTML 7Page - Ramtron International Corporation FM21L16 Datasheet HTML 8Page - Ramtron International Corporation FM21L16 Datasheet HTML 9Page - Ramtron International Corporation FM21L16 Datasheet HTML 10Page - Ramtron International Corporation FM21L16 Datasheet HTML 11Page - Ramtron International Corporation FM21L16 Datasheet HTML 12Page - Ramtron International Corporation FM21L16 Datasheet HTML 13Page - Ramtron International Corporation FM21L16 Datasheet HTML 14Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
FM21L16 - 128Kx16 FRAM
Rev. 1.0
Sept. 2007
Page 13 of 14
Mechanical Drawing
44-pin TSOP-II (Complies with JEDEC Standard MS-024g Var. AC)
Pin 1
10.16 BSC
1.20 max
0.10 mm
0.6
0.4
0.20
0.12
1.50
Recommended PCB Footprint
18.41
BASIC
0.8
0.15
0.05
0°-8°
0.45
0.30
0.80
BSC
11.96
11.56
0.5
12.6
Note: All dimensions in millimeters.
TSOP-II Package Marking Scheme
Legend:
XXXXXX= part number, S= speed, P=package
LLLLLL= lot code, YY=year, WW=work week
Examples: FM21L16, 60ns access time, “Green”/RoHS TSOP-II package,
Lot 6340282, Year 2007, Work Week 31
RAMTRON
FM21L16-60-TG
6340282
0731
RAMTRON
XXXXXXX-S-P
LLLLLLL
YYWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com