Electronic Components Datasheet Search
  English  ▼

X  

FM25CL04 Datasheet(PDF) 2 Page - Ramtron International Corporation

Part # FM25CL04
Description  4Kb FRAM Serial 3V Memory
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25CL04 Datasheet(HTML) 2 Page - Ramtron International Corporation

  FM25CL04 Datasheet HTML 1Page - Ramtron International Corporation FM25CL04 Datasheet HTML 2Page - Ramtron International Corporation FM25CL04 Datasheet HTML 3Page - Ramtron International Corporation FM25CL04 Datasheet HTML 4Page - Ramtron International Corporation FM25CL04 Datasheet HTML 5Page - Ramtron International Corporation FM25CL04 Datasheet HTML 6Page - Ramtron International Corporation FM25CL04 Datasheet HTML 7Page - Ramtron International Corporation FM25CL04 Datasheet HTML 8Page - Ramtron International Corporation FM25CL04 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
N
O
T
R
EC
O
M
ME
N
D
ED
FO
R
N
EW
D
ES
IG
N
S
R
ep
la
ce
d
by
FM
25
L0
4
Rev. 3.1
May 2005
Page 2 of 12
Instruction Decode
Clock Generator
Control Logic
Write Protect
Instruction Register
Address Register
Counter
128 x 32
FRAM Array
9
Data I/O Register
8
Nonvolatile Status
Register
3
WP
CS
HOLD
SCK
SO
SI
Figure 1. Block Diagram
Pin Descriptions
Pin Name
I/O
Description
/CS
Input
Chip Select: This active low input activates the device. When high, the device enters
low-power standby mode, ignores other inputs, and all outputs are tri-stated. When
low, the device internally activates the SCK signal. A falling edge on /CS must occur
prior to every op-code.
SCK
Input
Serial Clock: All I/O activity is synchronized to the serial clock. Inputs are latched on
the rising edge and outputs occur on the falling edge. Since the device is static, the
clock frequency may be any value between 0 and 20 MHz and may be interrupted at
any time.
/HOLD
Input
Hold: The /HOLD pin is used when the host CPU must interrupt a memory operation
for another task. When /HOLD is low, the current operation is suspended. The device
ignores any transition on SCK or /CS. All transitions on /HOLD must occur while
SCK is low.
/WP
Input
Write Protect: This active low pin prevents write operations to the memory array or
the status register. A complete explanation of write protection is provided below.
SI
Input
Serial Input: All data is input to the device on this pin. The pin is sampled on the
rising edge of SCK and is ignored at other times. It should always be driven to a valid
logic level to meet IDD specifications.
* SI may be connected to SO for a single pin data interface.
SO
Output
Serial Output: This is the data output pin. It is driven during a read and remains tri-
stated at all other times including when /HOLD is low. Data transitions are driven on
the falling edge of the serial clock.
* SO may be connected to SI for a single pin data interface.
VDD
Supply
Power Supply (2.7V to 3.65V)
VSS
Supply
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com