Electronic Components Datasheet Search
  English  ▼

X  

FM25C160 Datasheet(PDF) 13 Page - Ramtron International Corporation

Part # FM25C160
Description  16Kb FRAM Serial Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25C160 Datasheet(HTML) 13 Page - Ramtron International Corporation

Back Button FM25C160 Datasheet HTML 5Page - Ramtron International Corporation FM25C160 Datasheet HTML 6Page - Ramtron International Corporation FM25C160 Datasheet HTML 7Page - Ramtron International Corporation FM25C160 Datasheet HTML 8Page - Ramtron International Corporation FM25C160 Datasheet HTML 9Page - Ramtron International Corporation FM25C160 Datasheet HTML 10Page - Ramtron International Corporation FM25C160 Datasheet HTML 11Page - Ramtron International Corporation FM25C160 Datasheet HTML 12Page - Ramtron International Corporation FM25C160 Datasheet HTML 13Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
FM25C160 - Automotive Temp.
Rev. 3.1
July 2007
Page 13 of 13
Revision History
Revision
Date
Summary
2.0
3/24/06
Created automotive temperature spec.
2.1
6/22/06
Changed VIH/VIL spec limits. Added comment to Note 4 in DC Table.
2.2
10/12/06
Updated Data Retention table and added typical operating/storage profiles.
3.0
1/30/07
Changed to Production status. Passed AEC Q100 testing. Added ESD
Machine Model rating.
3.1
7/12/07
Changed to Production status. Changed Data Retention table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com