Electronic Components Datasheet Search
  English  ▼

X  

ASX00021 Datasheet(PDF) 1 Page - AG Electronica

Part # ASX00021
Description  SHIELD VISION ETHERNET ARDUINO ETHERNET ARDUINO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

ASX00021 Datasheet(HTML) 1 Page - AG Electronica

  ASX00021 Datasheet HTML 1Page - AG Electronica ASX00021 Datasheet HTML 2Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.agelectronica.com
http://www.agelectronica.com
ASX00021
SHIELD VISION ETHERNET ARDUINO
PORTENTA
Descripción:
Este módulo le permite ejecutar aplicaciones integradas de visión por computadora. A su vez, admite
conexión inalámbrica o vía Ethernet a Arduino Cloud.
En la estructura del módulo viene incluido un sensor de cámara de 320 x 320 píxeles, un conector
Ethernet de 100Mbps, dos micrófonos integrados para la detección de sonido direccional, un conector
JTAG y un conector para tarjeta SD.
Contenido de producto:
• Módulo Portenta Vision Shield para Arduino Portenta H7
Dimensiones
66 mm (largo) x 25 mm (ancho)
Cámara
Módulo de cámara Himax HM-01B0
Resolución
320 x 320 píxeles activos compatible con
QVGA
Sensor de imagen
Tecnología de píxeles Bright Sense de
3.6
������ de alta sensibilidad
Micrófono
2 x MP34DT05
Compatibilidad
Arduino Portenta H7
Peso
11 gr


Similar Part No. - ASX00021

ManufacturerPart #DatasheetDescription
logo
Arduino
ASX00027 ARDUINO-ASX00027 Datasheet
4Mb / 13P
Arduino® Portenta Cat. M1/NB IoT GNSS Shield
15/11/2024
logo
AG Electronica
ASX00029 AGELECTRONICA-ASX00029 Datasheet
930Kb / 2P
SHIELD ENV REV2 ARDUINO MKR
14/12/2021
More results

Similar Description - ASX00021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A000010 ETC2-A000010 Datasheet
675Kb / 1P
ARDUINO KIT WORKSHOP BASE WITH ARDUINO BOARD
4DISPLAY-ADAPTOR-SHIELD ETC2-4DISPLAY-ADAPTOR-SHIELD Datasheet
668Kb / 8P
4D Arduino Adaptor Shield
logo
Newhaven Display Intern...
NHD-4.3CTP-SHIELD-L NEWHAVEN-NHD-4.3CTP-SHIELD-L Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3CTP-SHIELD-V NEWHAVEN-NHD-4.3CTP-SHIELD-V Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3RTP-SHIELD-L NEWHAVEN-NHD-4.3RTP-SHIELD-L Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
logo
Rohm
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
Arduino Uno
logo
ON Semiconductor
EVBUM2715 ONSEMI-EVBUM2715 Datasheet
4Mb / 37P
NCN5100 Arduino Shield Evaluation Board
February, 2020 ??Rev. 1
logo
SparkFun Electronics
DEV-14352 SPARKFUN-DEV-14352 Datasheet
244Kb / 3P
SparkFun Qwiic Shield for Arduino
10??3??7
DEV-13956 SPARKFUN-DEV-13956 Datasheet
1Mb / 26P
Arduino Weather Shield Hookup Guide V12
3/6/2017
logo
Infineon Technologies A...
BTN9970 INFINEON-BTN9970 Datasheet
581Kb / 16P
BTN9970 / BTN9990 Motor control shield Arduino shield for evaluation
Rev. 1.1 9/23/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com