Electronic Components Datasheet Search
  English  ▼

X  

IRF6217TRPBF. Datasheet(PDF) 4 Page - International Rectifier

Part # IRF6217TRPBF.
Description  SMPS MOSFET HEXFET짰Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6217TRPBF. Datasheet(HTML) 4 Page - International Rectifier

  IRF6217TRPBF. Datasheet HTML 1Page - International Rectifier IRF6217TRPBF. Datasheet HTML 2Page - International Rectifier IRF6217TRPBF. Datasheet HTML 3Page - International Rectifier IRF6217TRPBF. Datasheet HTML 4Page - International Rectifier IRF6217TRPBF. Datasheet HTML 5Page - International Rectifier IRF6217TRPBF. Datasheet HTML 6Page - International Rectifier IRF6217TRPBF. Datasheet HTML 7Page - International Rectifier IRF6217TRPBF. Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRF6217PbF
4
www.irf.com
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 8. Maximum Safe Operating Area
0
2
4
6
8
0
2
4
6
8
10
12
Q , Total Gate Charge (nC)
G
I
=
D
-0.42A
V
= -30V
DS
V
= -75V
DS
V
= -120V
DS
0.1
1
10
0.2
0.6
0.9
1.3
1.6
-V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 150
C
J
°
T = 25
C
J
°
1
10
100
1000
-VDS, Drain-to-Source Voltage (V)
1
10
100
1000
10000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds
SHORTED
Crss = Cgd
Coss = Cds+ Cgd
1
10
100
1000
-VDS , Drain-toSource Voltage (V)
0.01
0.1
1
10
100
Tc = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com