Electronic Components Datasheet Search
  English  ▼

X  

IRF7314Q Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7314Q
Description  HEXFET짰 Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7314Q Datasheet(HTML) 2 Page - International Rectifier

  IRF7314Q Datasheet HTML 1Page - International Rectifier IRF7314Q Datasheet HTML 2Page - International Rectifier IRF7314Q Datasheet HTML 3Page - International Rectifier IRF7314Q Datasheet HTML 4Page - International Rectifier IRF7314Q Datasheet HTML 5Page - International Rectifier IRF7314Q Datasheet HTML 6Page - International Rectifier IRF7314Q Datasheet HTML 7Page - International Rectifier IRF7314Q Datasheet HTML 8Page - International Rectifier IRF7314Q Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF7314Q
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)
Q
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.0
V
TJ = 25°C, IS = -3.0A, VGS = 0V
R
trr
Reverse Recovery Time
–––
44
66
ns
TJ = 25°C, IF = -3.0A
Qrr
Reverse Recovery Charge
–––
54
81
nC
di/dt = -100A/µs
R
Source-Drain Ratings and Characteristics
–––
–––
–––
–––
-43
-3.0
A
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-20
–––
–––
VVGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.009 –––
V/°C
Reference to 25°C, ID = -1mA
––– 0.049 0.058
VGS = -4.5V, ID = -5.2A
R
––– 0.082 0.098
VGS = -2.7V, ID = -4.42A
R
VGS(th)
Gate Threshold Voltage
-0.7
–––
–––
VVDS = VGS, ID = -250µA
gfs
Forward Transconductance
6.8
–––
–––
SVDS = 10V, ID = -5.2A
–––
–––
-1.0
VDS = -16V, VGS = 0V
–––
–––
-25
VDS = -16V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
-100
VGS = -12V
Gate-to-Source Reverse Leakage
–––
–––
100
VGS = 12V
Qg
Total Gate Charge
–––
19
29
ID = -5.2A
Qgs
Gate-to-Source Charge
–––
2.1
3.2
nC
VDS = -16V
Qgd
Gate-to-Drain ("Miller") Charge
–––
9.3
14
VGS = -4.5V
td(on)
Turn-On Delay Time
–––
18
–––
VDD = -10V
tr
Rise Time
–––
26
–––
ID = -1.0A
td(off)
Turn-Off Delay Time
–––
41
–––
RG = 6.0Ω
tf
Fall Time
–––
38
–––
VGS = -4.5V
R
Ciss
Input Capacitance
–––
913
–––
VGS = 0V
Coss
Output Capacitance
–––
512
–––
pF
VDS = -15V
Crss
Reverse Transfer Capacitance
–––
260
–––
ƒ = 1.0MHz
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
Ω
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns
Notes:
Q Repetitive rating; pulse width limited by
max. junction temperature.
R Starting T
J = 25°C, L = 45mH
RG = 25Ω, IAS = -5.2A.
S Surface mounted on FR-4 board, t ≤ 10sec.
T Pulse width ≤ 300µs; duty cycle ≤ 2%.
S
D
G



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com