Electronic Components Datasheet Search
  English  ▼

X  

ADB3115 Datasheet(PDF) 2 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # ADB3115
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

ADB3115 Datasheet(HTML) 2 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  ADB3115 Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd ADB3115 Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd ADB3115 Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd ADB3115 Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd ADB3115 Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ADB3115
2 / 5
www.advsemi.com
Feb,2015 -Rev.3.01
ADV
Electrical Characteristics (TA=25°C Unless Otherwise Noted)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
On/off
Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=-250uA
-30
--
--
V
IDSS
Zero Gate Voltage Drain Current
VDS= -30V, VGS=0V
TJ=25°C
--
--
-1
uA
VDS=-24V,VGS=0V TJ=55°C
--
--
-5
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=-250uA
-1.2
-1.6
-2.5
V
IGSS
Gate Leakage Current
VGS=±20V, VDS=0V
--
--
±
100
nA
RDS(ON)
Drain-SourceOn-stateResistance⑵
VGS= -10V, IDS=-30A
--
7.3
8.7
m
VGS= -4.5V, IDS=-15A
--
11
13.5
Dynamic Characteristics
Ciss
Input Capacitance
VGS=0V,
VDS= -15V,
Frequency=1.0MHz
--
3448
--
pF
Coss
Output Capacitance
--
508
--
Crss
Reverse Transfer Capacitance
--
421
--
Switching Characteristics
td(ON)
Turn-on Delay Time⑴
VDD=-15V,
ID= -15A, VGS= -10V,
RGEN=3.3Ω
--
9.4
--
ns
tr
Turn-on Rise Time⑴
--
10.2
--
td(OFF)
Turn-off Delay Time⑴
--
117
--
tf
Turn-off Fall Time⑴
--
24
--
Qg
Total Gate Charge⑴
VDS=-15V, VGS= -4.5V,
IDS=-10A
--
30
--
nC
Qgs
Gate-Source Charge⑴
--
10
--
Qgd
Gate-Drain Charge⑴
--
10.4
--
Avalanche Characteristics
Diode Characteristics
VSD
Diode Forward Voltage⑵
ISD =-1A, VGS = 0V ,TJ=25°C
--
--
-1.0
V
NOTES:
1. Surface Mounted on FR4 Board, t ≤ 10 sec.
2.The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3. The EAS data shows Max. rating . The test condition is VDD=-25V,VGS=-10V,L=0.1mH,IAS=-50A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com