Electronic Components Datasheet Search
  English  ▼

X  

IRLR014NPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLR014NPBF
Description  HEXFET POWER MOSFET ( VDSS = 55V , RDS(on) = 0.14廓 , ID = 10A )
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR014NPBF Datasheet(HTML) 1 Page - International Rectifier

  IRLR014NPBF Datasheet HTML 1Page - International Rectifier IRLR014NPBF Datasheet HTML 2Page - International Rectifier IRLR014NPBF Datasheet HTML 3Page - International Rectifier IRLR014NPBF Datasheet HTML 4Page - International Rectifier IRLR014NPBF Datasheet HTML 5Page - International Rectifier IRLR014NPBF Datasheet HTML 6Page - International Rectifier IRLR014NPBF Datasheet HTML 7Page - International Rectifier IRLR014NPBF Datasheet HTML 8Page - International Rectifier IRLR014NPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IRLR/U014NPbF
HEXFET® Power MOSFET
S
D
G
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
5.3
RθJA
Case-to-Ambient (PCB mount)**
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
Thermal Resistance
VDSS = 55V
RDS(on) = 0.14Ω
ID = 10A
Description
12/06/04
www.irf.com
1
D-Pak
TO-252AA
I-Pak
TO-251AA
l Logic-Level Gate Drive
l Surface Mount (IRLR024N)
l Straight Lead (IRLU024N)
l Advanced Process Technology
l Fast Switching
l Fully Avalanche Rated
Fifth Generation HEXFETs from International Rectifier utilize advanced
processing techniques to achieve the lowest possible on-resistance per
silicon area. This benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs are well known for,
provides the designer with an extremely efficient device for use in a wide
variety of applications.
The D-PAK is designed for surface mounting using vapor phase, infrared, or
wave soldering techniques. The straight lead version (IRFU series) is for
through-hole mounting applications. Power dissipation levels up to 1.5 watts
are possible in typical surface mount applications.
** When mounted on 1" square PCB (FR-4 or G-10 Material ) .
For recommended footprint and soldering techniques refer to application note #AN-994
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
10
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
7.1
A
IDM
Pulsed Drain Current

40
PD @TC = 25°C
Power Dissipation
28
W
Linear Derating Factor
0.2
W/°C
VGS
Gate-to-Source Voltage
± 16
V
EAS
Single Pulse Avalanche Energy
‚
35
mJ
IAR
Avalanche Current

6.0
A
EAR
Repetitive Avalanche Energy

2.8
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
PD - 95551A
l Lead-Free


Similar Part No. - IRLR014NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR014NPBF IRF-IRLR014NPBF Datasheet
293Kb / 10P
Logic-Level Gate Drive
More results

Similar Description - IRLR014NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ46N IRF-IRFZ46N_04 Datasheet
190Kb / 9P
HEXFET짰 Power MOSFET(VDSS = 55V,RDS(on) = 16.5m廓,ID = 53A)
IRLZ44ZPBF IRF-IRLZ44ZPBF Datasheet
362Kb / 13P
AUTOMOTIVE MOSFET (VDSS = 55V , RDS(on) =13.5m廓 , ID = 51A)
IRLZ34NSPBF IRF-IRLZ34NSPBF Datasheet
297Kb / 11P
HEXFET Power MOSFET ( VDSS = 55V , RDS(on) = 0.035廓 , ID = 30A )
IRF740SPBF IRF-IRF740SPBF Datasheet
943Kb / 8P
HEXFET POWER MOSFET ( VDSS=400V , RDS(on)=0.55廓 , ID=10A )
IRF1405ZPBF IRF-IRF1405ZPBF Datasheet
812Kb / 13P
AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 75A )
IRFR9024NPBF IRF-IRFR9024NPBF Datasheet
1Mb / 11P
HEXFET POWER MOSFET ( VDSS = -55V , RDS(on) = 0.175廓 , ID = -11A )
IRLL2705PBF IRF-IRLL2705PBF Datasheet
220Kb / 9P
HEXFET POWER MOSFET ( VDSS = 55V , RDS(on) = 0.04廓 , ID = 3.8A )
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
IRFZ44ZPBF IRF-IRFZ44ZPBF Datasheet
291Kb / 13P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 13.9m廓 , ID = 51A )
IRF1405ZS-7PPBF IRF-IRF1405ZS-7PPBF Datasheet
696Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 120A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com