Electronic Components Datasheet Search
  English  ▼

X  

DEV-11008 Datasheet(PDF) 1 Page - AG Electronica

Part # DEV-11008
Description  LILYPAD VIBE BOARD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

DEV-11008 Datasheet(HTML) 1 Page - AG Electronica

  DEV-11008 Datasheet HTML 1Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DEV-11008: LILYPAD VIBE BOARD
Descripción:
Motor de Vibración, que al ser agitado
funciona muy bien como indicador físico sin notificar a
nadie más que al usuario. Esta versión utiliza un motor de
montaje superficial para evitar daños durante su uso.
Especificaciones:
 Dimensiones
Diámetro de 20mm
PCB de 0.8mm
 Voltaje(Motor)
5 V
 Corriente(Motor) 85 mA
AG Electrónica S.A. de C.V.
República del Salvador N° 20
Segundo Piso
Teléfono: 5130 - 7210
http://agelectronica.com/AG/
Rev 1. IAJA
Fecha: 17/10/2017
Rev 2. BMF
FRONT
BACK


Similar Part No. - DEV-11008

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-11018 SPARKFUN-DEV-11018 Datasheet
607Kb / 9P
Shield Landing Page
More results

Similar Description - DEV-11008

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-08776 SPARKFUN-DEV-08776 Datasheet
98Kb / 1P
LilyPad Button Board
10/13/2015
DEV-09101 SPARKFUN-DEV-09101 Datasheet
107Kb / 1P
LilyPad Protoboard Large
11/24/2015
DEV-09266 SPARKFUN-DEV-09266 Datasheet
109Kb / 1P
LilyPad Arduino 328 Main Board
10/13/2015
DEV-10274 SPARKFUN-DEV-10274 Datasheet
105Kb / 1P
LilyPad Arduino Simple Board
10/12/2015
DEV-11260 SPARKFUN-DEV-11260 Datasheet
100Kb / 1P
LilyPad LiPower
10/13/2015
DEV-12049 SPARKFUN-DEV-12049 Datasheet
108Kb / 1P
LilyPad Arduino USB - ATmega32U4 Board
10/13/2015
DEV-12921 SPARKFUN-DEV-12921 Datasheet
105Kb / 1P
LilyPad XBee
11/24/2015
DEV-13264 SPARKFUN-DEV-13264 Datasheet
98Kb / 1P
LilyPad Pixel Board
10/14/2015
DEV-13735 SPARKFUN-DEV-13735 Datasheet
165Kb / 2P
LilyPad RGB LED
7??2??9
DEV-14063 SPARKFUN-DEV-14063 Datasheet
90Kb / 1P
LilyPad LilyMini ProtoSnap
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com