Electronic Components Datasheet Search
  English  ▼

X  

DEV08776 Datasheet(PDF) 1 Page - AG Electronica

Part # DEV08776
Description  BOTON LILYPAD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

DEV08776 Datasheet(HTML) 1 Page - AG Electronica

  DEV08776 Datasheet HTML 1Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DEV-08776: BOTON LILYPAD
Descripción: Es un tablero para dar al usuario un botón
de perfil bajo sin bordes afilados. El botón se cierra
cuando se presiona y se abre cuando se suelta (pulsador
momentáneo).
Especificaciones:
Dimensiones
8x16mm
PCB delgado de 0.8mm
FRONT
BACK
AG Electrónica S.A. de C.V.
República del Salvador N° 20
Segundo Piso
Teléfono: 5130 - 7210
http://agelectronica.com/AG/
Rev 1. IAJA
Fecha: 12/10/2017
Rev 2. BMF


Similar Part No. - DEV08776

ManufacturerPart #DatasheetDescription
logo
AG Electronica
DEV08467 AGELECTRONICA-DEV08467 Datasheet
168Kb / 1P
LED RGB LILYPAD
17/10/2017
More results

Similar Description - DEV08776

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-08776 SPARKFUN-DEV-08776 Datasheet
98Kb / 1P
LilyPad Button Board
10/13/2015
DEV-09101 SPARKFUN-DEV-09101 Datasheet
107Kb / 1P
LilyPad Protoboard Large
11/24/2015
DEV-09350 SPARKFUN-DEV-09350 Datasheet
96Kb / 1P
LilyPad Slide Switch
10/13/2015
DEV-11260 SPARKFUN-DEV-11260 Datasheet
100Kb / 1P
LilyPad LiPower
10/13/2015
DEV-12921 SPARKFUN-DEV-12921 Datasheet
105Kb / 1P
LilyPad XBee
11/24/2015
DEV-13735 SPARKFUN-DEV-13735 Datasheet
165Kb / 2P
LilyPad RGB LED
7??2??9
DEV-14063 SPARKFUN-DEV-14063 Datasheet
90Kb / 1P
LilyPad LilyMini ProtoSnap
DEV-14346 SPARKFUN-DEV-14346 Datasheet
245Kb / 2P
LilyPad ProtoSnap Plus
10????7
DEV-14631 SPARKFUN-DEV-14631 Datasheet
451Kb / 2P
Lilypad USB Plus
6-11-18
KIT-12073 SPARKFUN-KIT-12073 Datasheet
98Kb / 2P
LilyPad Design Kit
11/24/2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com