Electronic Components Datasheet Search
  English  ▼

X  

BAW56 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BAW56
Description  Surface Mount Small Signal Double-Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAW56 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BAW56_07 Datasheet HTML 1Page - Diotec Semiconductor BAW56_07 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAW56
BAW56
Surface Mount Small Signal Double-Diodes
Kleinsignal-Doppel-Dioden für die Oberflächenmontage
Version 2006-07-11
Dimensions - Maße [mm]
1 = C1
2 = C2
3 = A1/A2
Power dissipation – Verlustleistung
310 mW
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
85 V
Plastic case
Kunststoffgehäuse
SOT-23
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
per diode / pro Diode
BAW56
Power dissipation − Verlustleistung 1)Ptot
310 mW 2)
Max. average forward current – Dauergrenzstrom (dc)
IFAV
250 mA 2)
Repetitive peak forward current – Periodischer Spitzenstrom
IFRM
450 mA 2)
Non repetitive peak forward surge current
Stoßstrom-Grenzwert
tp ≤ 1 s
tp ≤ 1 ms
tp ≤ 1 µs
IFSM
IFSM
IFSM
0.5 A
1 A
2 A
Repetitive peak reverse voltage – Periodische Spitzensperrspannung
VRRM
85 V
Reverse voltage – Sperrspannung (dc)
VR
70 V
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Forward voltage
Durchlass-Spannung
IF = 1 mA
IF = 10 mA
IF = 50 mA
IF = 150 mA
VF
VF
VF
VF
< 715 mV
< 855 mV
< 1.0 V
< 1.25 V
Leakage current 3)
Sperrstrom
Tj = 25°C
VR = 70 V
IR
< 100 nA
Tj = 150°C
Tj = 150°C
VR = 25 V
VR = 70 V
IR
IR
< 30 µA
< 50 µA
1
Total power dissipation of both diodes − Summe der Verlustleistungen beider Dioden
2
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
3
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
© Diotec Semiconductor AG
http://www.diotec.com/
1
1.1
0.4
2.9 ±0.1
1
2
3
Type
Code
1.9


Similar Part No. - BAW56_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAW56 INFINEON-BAW56_07 Datasheet
153Kb / 12P
Silicon Switching Diode
2007-09-19
More results

Similar Description - BAW56_07

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
BAV70 DIOTEC-BAV70 Datasheet
147Kb / 2P
Surface mount Small Signal Double-Diodes
BAV99 DIOTEC-BAV99 Datasheet
167Kb / 2P
Surface mount Small Signal Double-Diodes
BAV99W DIOTEC-BAV99W Datasheet
152Kb / 2P
Surface mount Small Signal Double-Diodes
BAV70 DIOTEC-BAV70_07 Datasheet
116Kb / 2P
Surface Mount Small Signal Double-Diodes
BAV70W DIOTEC-BAV70W Datasheet
116Kb / 2P
Surface Mount Small Signal Double-Diodes
BAV99 DIOTEC-BAV99_07 Datasheet
117Kb / 2P
Surface Mount Small Signal Double-Diodes
BAV70 DIOTEC-BAV70_15 Datasheet
119Kb / 2P
Surface Mount Small Signal Double-Diodes
BAV99 DIOTEC-BAV99_15 Datasheet
120Kb / 2P
Surface Mount Small Signal Double-Diodes
BAW56 DIOTEC-BAW56_15 Datasheet
120Kb / 2P
Surface Mount Small Signal Double-Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com