Electronic Components Datasheet Search
  English  ▼

X  

1008SL Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # 1008SL
Description  1008S/SL Center Back Pressure Gauge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

1008SL Datasheet(HTML) 2 Page - Ashcroft, Inc.

  1008SL Datasheet HTML 1Page - Ashcroft, Inc. 1008SL Datasheet HTML 2Page - Ashcroft, Inc. 1008SL Datasheet HTML 3Page - Ashcroft, Inc. 1008SL Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ORDERING CODE
Example:
63
1008
S
L
02
C
XUC
100#
Dial Sizes
63 - 63 mm (21⁄2˝)
63
10 - 100mm (31⁄2˝)
Model Code
1008 - 304 Stainless steel case
1008
System
S - 316 Stainless steel tube/316 Stainless steel process connection
S
Case Fill
Blank - Dry gauge
L - Liquid fill (glycerin)
L
Process Connection Size
01 - 1⁄8 NPT Male (63 mm only)
02 - 1⁄4 NPT Male
02
RW - SAE 4 7⁄16˝-20 Straight thread with washer and O-ring (63mm only)
Process Connection Location
C - Center back
C
Options (If choosing an option(s) must include an “X”)
X__
Dampening
ZY - FlutterGuard™
GV - Silicone filled
TU - Stainless steel throttle plug (0.013˝ orifice) standard on liquid filled and FlutterGuard™ 30 psi and above; on dry gauges 1000 psi and above
Mounting
UC - U-clamp mounting
FF - Front flange
RF - Retrofit flange
Case
LJ - Liquid fillable dry case (throttle plug supplied as standard)
Test and Calibration
6B - Cleaned for oxygen service (dry gauges only)
C4 - Traceable calibration certificate
Other
AN - 1% accuracy
NH - Stainless steel tag
NN - Paper tag
Range (See range table on page 3 for all standard ranges)
Single Scales
100# - 100 psi
100#
of 4
2
1008S/SL Center Back Pressure Gauge
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, FlutterGuard™, True Zero™, Trust the Shield® are trademarks of Ashcroft.
For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. 1008S_SL_CB_gauge_ds_RevH_1-31-23
ashcroft.com
| 1.800.328.8258 | Contact Us



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com