Electronic Components Datasheet Search
  English  ▼

X  

451377AS04DXLL Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # 451377AS04DXLL
Description  1377 Duragauge® Pressure Gauge
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

451377AS04DXLL Datasheet(HTML) 2 Page - Ashcroft, Inc.

  451377AS04DXLL Datasheet HTML 1Page - Ashcroft, Inc. 451377AS04DXLL Datasheet HTML 2Page - Ashcroft, Inc. 451377AS04DXLL Datasheet HTML 3Page - Ashcroft, Inc. 451377AS04DXLL Datasheet HTML 4Page - Ashcroft, Inc. 451377AS04DXLL Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ORDERING CODE
Example:
451377
S
S
04
L
XLL
15#
Dial Size/Model Code
451377 - 41⁄2˝ aluminum case
451377
601377 - 6˝ aluminum case
851377 - 81⁄2˝ aluminum case, max. 20,000 psi
System (tube and process connection)
A - Bronze tube, brass process connection, max. pressure connection 1,000 psi
P - K-Monel® 500 tube, Monel® 400 process connection, max. pressure 30,000 psi, N/A for 81⁄2˝
R - 316L SS tube, steel process connection, max. pressure 20,000 psi
S - 316 SS tube and 316L SS process connection, max. pressure 20,000 psi
S
Case Design
S - Solid front case, dry
Process Connection Sizes
02 - 1⁄4 NPT Male, N/A for ranges over 20,000 psi
04 - 1⁄2 NPT Male, N/A for ranges over 20,000 psi
04
09 - 9⁄16 18 UNF-2B, high pressure fitting, standard for pressures over 20,000 psi
Process Connection Location
L - Lower
L
B - Back
D - Side (3 o’clock)
E - Side connection (9 o’clock)
T - Top connection
Options (If choosing an option(s) must include a “X”) (See table 1 on page 3 for more options)
X__
LL -
PLUS!™ Performance
LL
NZ -
PLUS!™ Performance, silicone free (dry gauges)
6B - Cleaned for gaseous, oxygen service
NH - Stainless Steel tag wired to case
5G - Attach one accessory to gauge. Applicable to PL02 pressure limiting valve, V01,V02 valves, 1098, 1100, 1198,
2198 siphons, 7001, 7004 needle valves, 1115 capillary, 1106 pulsation dampner, 1112, PD02 pressure snubbers, MDV
swivel adapter, 2265 electric warning contact
Range (coding examples only, see range table on page 4 for all standard ranges)
Single Scales
15# - 15 psi
15#
1BR - 1 bar
1KG - 1 kg/sm2
100KP - 100 kPa
Dual Scales
15#/BR - 15 psi inner scale, 1 bar outer scale
1BR/# - 1 bar inner scale, 15 psi outer scale
of 5
2
1377 Duragauge® Pressure Gauge
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Duragauge®, DuraVis™,
Plus!™, Trust the Shield® are trademarks and Gold ServiceSM is a service mark
of Ashcroft Inc. The following non-Ashcroft trademarks are the property of their respective owners: Halocarbon®,
Inconel®, Monel®, Teflon™. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. 1377_gauge_ds_RevI_02-09-23
ashcroft.com
| 1.800.328.8258 | Contact Us
Data Sheet
When selecting a diaphragm seal or isolation ring, refer to the Min/Max Guide for compatibility with this gauge or scan the QR code to the right.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com