Electronic Components Datasheet Search
  English  ▼

X  

451377AS09DXLL Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # 451377AS09DXLL
Description  1377 Duragauge® Pressure Gauge
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

451377AS09DXLL Datasheet(HTML) 1 Page - Ashcroft, Inc.

  451377AS09DXLL Datasheet HTML 1Page - Ashcroft, Inc. 451377AS09DXLL Datasheet HTML 2Page - Ashcroft, Inc. 451377AS09DXLL Datasheet HTML 3Page - Ashcroft, Inc. 451377AS09DXLL Datasheet HTML 4Page - Ashcroft, Inc. 451377AS09DXLL Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
„
Solid front safety case with pressure relief back
„
Dial sizes 41/2˝, 6˝ and 81/2˝
„
±0.5% of span (ASME B40.100 Grade 2A)
„
Customizable dial printing options
TYPICAL USES
„
Refineries
„
Chemical and petrochemical plants
„
Offshore oil rigs
„
Water and wastewater pressure control
„
Pulp and water
„
Mining and metals
„
Equipment skids
„
Specialized OEM equipment
SPECIFICATIONS
Accuracy:
±0.5% of span (ASME B40.100 Grade 2A)
Dial Sizes:
41
⁄2˝, 6˝, 81⁄2˝
Process Connection:
1
⁄4 NPT, 1⁄2 NPT,
9
⁄16-18 UNF-2B (high pressure connection)
Process Connection
Location:
Lower, back
Ranges:
Vacuum, compound to 30,000 psi
Case Style:
Solid front with pressure relief back
Movement:
Rotary, adjustable, 400 SS, Teflon™ coated
Window Material:
Glass (STD.), safety glass, acrylic,
non-glare glass (OPT.)
Pointer:
Micrometer, adjustable, aluminum, maximum
Weather Protection:
Dry case: Case not sealed, recommended for
weather protected environment only
Mounting:
Stem, surface, flush or remote
Dampening:
PLUS!™ Performance
Approvals:
CE/UKCA, CRN
NON-WETTED COMPONENTS
Case
Ring
Back Cover
Aluminum, black epoxy Steel, hinged, black enamel
300 SS
KEY BENEFITS
•Ideal for panel mounting
•Available 8½˝ dial size for remote reading
MIN/MAX TEMPERATURE LIMITS
Version
Ambient
Process
Storage
Dry
-20 °F to 200 °F
(-29 °C to 93 °C)
-20 °F to 250 °F
(-29 °C to 121 °C)
-40 °F to 250 °F
(-40 °C to 121 °C)
1377
41
⁄2˝ dial size
of 5
1
1377 Duragauge® Pressure Gauge
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Duragauge®, DuraVis™,
Plus!™, Trust the Shield® are trademarks and Gold ServiceSM is a service mark
of Ashcroft Inc. The following non-Ashcroft trademarks are the property of their respective owners: Halocarbon®,
Inconel®, Monel®, Teflon™. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. 1377_gauge_ds_RevI_02-09-23
ashcroft.com
| 1.800.328.8258 | Contact Us
Data Sheet
WETTED COMPONENTS
Bourdon Tube
Process Connection
Joints
316L SS
316L SS
Welded
316L SS
Steel
Welded
K-Monel® 500 Tube
Monel® 400
Welded
C510 Phos. Bronze
Brass
Silver brazed
TM


Similar Part No. - 451377AS09DXLL

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
451379AS02BX5G ASHCROFT-451379AS02BX5G Datasheet
1Mb / 4P
1379 Duragauge® Pressure Gauge
RevL_09-24-24
451379AS02BX6B ASHCROFT-451379AS02BX6B Datasheet
1Mb / 4P
1379 Duragauge® Pressure Gauge
RevL_09-24-24
451379AS02BXGV ASHCROFT-451379AS02BXGV Datasheet
1Mb / 4P
1379 Duragauge® Pressure Gauge
RevL_09-24-24
451379AS02BXGX ASHCROFT-451379AS02BXGX Datasheet
1Mb / 4P
1379 Duragauge® Pressure Gauge
RevL_09-24-24
451379AS02BXLL ASHCROFT-451379AS02BXLL Datasheet
1Mb / 4P
1379 Duragauge® Pressure Gauge
RevL_09-24-24
More results

Similar Description - 451377AS09DXLL

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
9791 FESTO-9791 Datasheet
87Kb / 1P
Pressure gauge
4601 FESTO-4601 Datasheet
90Kb / 1P
Pressure gauge
548009 FESTO-548009 Datasheet
106Kb / 2P
Pressure gauge
8/10/22
548010 FESTO-548010 Datasheet
104Kb / 2P
Pressure gauge
8/10/22
563732 FESTO-563732 Datasheet
114Kb / 2P
Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
Pressure gauge
8/10/22
8081401 FESTO-8081401 Datasheet
93Kb / 2P
Pressure gauge
8/11/22
8088986 FESTO-8088986 Datasheet
100Kb / 1P
Pressure gauge
8/10/22
8090378 FESTO-8090378 Datasheet
104Kb / 1P
Pressure gauge
8/10/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com