Electronic Components Datasheet Search
  English  ▼

X  

AR709LT Datasheet(PDF) 1 Page - Power Semiconductors

Part # AR709LT
Description  RECTIFIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AR709LT Datasheet(HTML) 1 Page - Power Semiconductors

  AR709LT Datasheet HTML 1Page - Power Semiconductors AR709LT Datasheet HTML 2Page - Power Semiconductors AR709LT Datasheet HTML 3Page - Power Semiconductors AR709LT Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RECTIFIER DIODE
AR709LT
Repetitive voltage up to
1000 V
Mean forward current
9600 A
Surge current
85 kA
FINAL SPECIFICATION
nov 02 - ISSUE : 02
Symbol
Characteristic
Conditions
Tj
[°C]
Value
Unit
BLOCKING
V RRM
Repetitive peak reverse voltage
190
1000
V
V RSM
Non-repetitive peak reverse voltage
190
1100
V
I RRM
Repetitive peak reverse current
V=VRRM
190
200
mA
CONDUCTING
I F (AV)
Mean forward current
180° sin ,50 Hz, Th=55°C, double side cooled
9600
A
I F (AV)
Mean forward current
180° sin ,50 Hz, Tc=85°C, double side cooled
9500
A
I FSM
Surge forward current
Sine wave, 10 ms
190
85
kA
I² t
I² t
without reverse voltage
36125 x 1E3
A²s
V FM
Forward voltage
Forward current =
6000 A
25
1.14
V
V F(TO)
Threshold voltage
190
0.70
V
r F
Forward slope resistance
190
0.033
mohm
SWITCHING
t rr
Reverse recovery time
µs
Q rr
Reverse recovery charge
190
µC
I rr
Peak reverse recovery current
A
MOUNTING
R th(j-h)
Thermal impedance, DC
Junction to heatsink, double side cooled
9.5
°C/kW
R th(c-h)
Thermal impedance
Case to heatsink, double side cooled
2
°C/kW
T j
Operating junction temperature
-30 / 190
°C
F
Mounting force
46.0
/ 54.0
kN
Mass
1150
g
ORDERING INFORMATION : AR709LT S 10
standard specification
VRRM/100
POSEICO SPA
Via N. Lorenzi 8, 16152 Genova - ITALY
Tel. ++ 39 010 6556234 - Fax ++ 39 010 6557519
Sales Office:
Tel. ++ 39 010 6556775 - Fax ++ 39 010 6442510
POSEICO SPA
POwer SEmiconductors Italian COrporation
POSEICO


Similar Part No. - AR709LT

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AR709 POSEICO-AR709 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR709S10 POSEICO-AR709S10 Datasheet
167Kb / 4P
RECTIFIER DIODE
More results

Similar Description - AR709LT

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AR1107 POSEICO-AR1107 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR2009 POSEICO-AR2009 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR242 POSEICO-AR242 Datasheet
166Kb / 4P
RECTIFIER DIODE
AR3007 POSEICO-AR3007 Datasheet
256Kb / 4P
RECTIFIER DIODE
AR447PC POSEICO-AR447PC Datasheet
352Kb / 4P
RECTIFIER DIODE
AR509PC POSEICO-AR509PC Datasheet
184Kb / 4P
RECTIFIER DIODE
AR772 POSEICO-AR772 Datasheet
238Kb / 4P
RECTIFIER DIODE
logo
Dynex Semiconductor
DS2106SY DYNEX-DS2106SY Datasheet
93Kb / 7P
Rectifier Diode
DS501ST DYNEX-DS501ST Datasheet
91Kb / 6P
Rectifier Diode
DS502ST DYNEX-DS502ST Datasheet
95Kb / 7P
Rectifier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com