Electronic Components Datasheet Search
  English  ▼

X  

LLGA12 Datasheet(PDF) 1 Page - ON Semiconductor

Part # LLGA12
Description  CASE 513AD??1 ISSUE A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LLGA12 Datasheet(HTML) 1 Page - ON Semiconductor

  LLGA12 Datasheet HTML 1Page - ON Semiconductor LLGA12 Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LLGA12
CASE 513AD−01
ISSUE A
DATE 22 FEB 2007
SCALE 4:1
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.30 MM FROM TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
D
E
B
C
0.15
PIN ONE
2X
REFERENCE
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
A
L
D2
E2
C
C
0.15
C
0.10
C
0.08
12X
A1
SEATING
PLANE
e
12X
NOTE 3
b
12X
0.10 C
0.05 C
A BB
DIM
MIN
MAX
MILLIMETERS
A
0.50
0.60
A1
0.00
0.05
b
0.20
0.30
D
3.00 BSC
D2
2.75
2.85
E
3.00 BSC
E2
1.65
1.75
e
0.50 BSC
K
0.20
−−−
L
0.35
0.45
1
6
12
7
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
12X
0.40
3.30
0.25
PITCH
1.73
0.56
2.78
1
K
12X
DIMENSIONS: MILLIMETERS
0.28
11X
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
*This information is generic. Please refer to de-
vice data sheet for actual part marking.
Pb−Free indicator, “G” or microdot “
G”,
may or may not be present.
GENERIC
MARKING DIAGRAM*
XXXXX
XXXXX
ALYW
G
G
1
MECHANICAL CASE OUTLINE
PACKAGE DIMENSIONS
http://onsemi.com
1
© Semiconductor Components Industries, LLC, 2002
October, 2002 − Rev. 0
Case Outline Number:
XXX
DOCUMENT NUMBER:
STATUS:
NEW STANDARD:
DESCRIPTION:
98AON22277D
ON SEMICONDUCTOR STANDARD
12 PIN LLGA, 3 X 3 X 0.5P, 0.55T
Electronic
versions are uncontrolled except when
accessed directly from the Document Repository. Printed
versions are uncontrolled except when stamped
“CONTROLLED COPY” in red.
PAGE 1 OF 2


Similar Part No. - LLGA12

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LLG NICHICON-LLG Datasheet
633Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C102MELA30 NICHICON-LLG2C102MELA30 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C102MELA30 NICHICON-LLG2C102MELA30 Datasheet
633Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C102MELZ40 NICHICON-LLG2C102MELZ40 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C102MELZ40 NICHICON-LLG2C102MELZ40 Datasheet
633Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LLGA12

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3016B MICROSEMI-1N3016B Datasheet
198Kb / 3P
1 WATT METAL CASE ZENER DIODES
logo
Integrated Device Techn...
79RC5000 IDT-79RC5000 Datasheet
297Kb / 15P
MULTI-ISSUE 64-BIT MICROPROCESSOR
IDTRC5000 IDT-IDTRC5000 Datasheet
440Kb / 16P
MULTI-ISSUE 64-BIT MICROPROCESSOR
logo
AVX Corporation
SQCB7M390JATME AVX-SQCB7M390JATME Datasheet
914Kb / 7P
SQ A Case & B Case Ultra Low ESR MLC
logo
Microsemi Corporation
JAN1N3024B-1 MICROSEMI-JAN1N3024B-1 Datasheet
280Kb / 5P
1 Watt Glass Case Zener Diodes
logo
List of Unclassifed Man...
STO-1.0T-187N-8 ETC2-STO-1.0T-187N-8 Datasheet
61Kb / 1P
UNCONTROLLED ISSUE
logo
AVX Corporation
SQCB7M3R6BAJME AVX-SQCB7M3R6BAJME Datasheet
925Kb / 7P
SQ A Case & B Case Ultra Low ESR MLC
logo
America Semiconductor, ...
1N3016B AMERICASEMI-1N3016B Datasheet
712Kb / 2P
1 Watt Metal Case Zener Diodes
logo
Tyco Electronics
55PC0241 MACOM-55PC0241 Datasheet
25Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specifiction 55PC.
logo
Schneider Electric
QO260NATS SCHNEIDER-QO260NATS Datasheet
147Kb / 2P
Molded Case Switch, QO, 60 A, 1PH, 240 V, 22 kA, NEMA 1
Dec 4, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com