Electronic Components Datasheet Search
  English  ▼

X  

251009SW02DXLL Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # 251009SW02DXLL
Description  1009 2½˝, 3½˝ Stainless Steel Pressure Gauges
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

251009SW02DXLL Datasheet(HTML) 1 Page - Ashcroft, Inc.

  251009SW02DXLL Datasheet HTML 1Page - Ashcroft, Inc. 251009SW02DXLL Datasheet HTML 2Page - Ashcroft, Inc. 251009SW02DXLL Datasheet HTML 3Page - Ashcroft, Inc. 251009SW02DXLL Datasheet HTML 4Page - Ashcroft, Inc. 251009SW02DXLL Datasheet HTML 5Page - Ashcroft, Inc. 251009SW02DXLL Datasheet HTML 6Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
of 6
1
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Duralife®,
PLUS!™, PowerFlex™, True Zero™, Trust the Shield® are trademarks and Gold ServiceSM is a
service mark of Ashcroft Inc. The following non-Ashcroft trademarks are the property of their respective owners:
Halocarbon®, Krytox™. For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. 1009_25-35_ds_RevJ_08-08-24
ashcroft.com
| 1.800.328.8258 | Contact Us
1009 2½˝, 3½˝ Stainless Steel Pressure Gauges
FEATURES
Meets ASME B40.100 specifications
All welded stainless steel construction
PLUS™ Performance option dampens vibration,
shock and pulsation effects
MSL helium leak tested to 1X10-6 scc/s
Ventable fill plug
Wide selection of connections
NSF-61 Compliant
TYPICAL USES
Pumps and compressors
Boilers
Equipment skids
Specialized OEM equipment
Hydraulics and pneumatics
Severe ambient conditions
Ammonia and refrigeration
MIN/MAX TEMPERATURE LIMITS
Version
Ambient
Process
Storage
Dry
-40 to 200 °F
(-40 to 93 °C)
-40 to 250 °F
(-40 to 121 °C)
-40 to 250 °F
(-40 to 121 °C)
PLUS!™
-40 to 150 °F
(-40 to 66 °C)
-40 to 200 °F
(-40 to 93 °C)
-40 to 150 °F
(-40 to 66 °C)
Glycerin Fill
20 to 150 °F
(-7 to 66 °C)
20 to 200 °F
(-7 to 93 °C)
0 to 150 °F
(-18 to 66 °C)
Silicone Fill
-40/150 °F
(-40 to 66 °C)
-40 to 200 °F
(-40 to 93 °C)
-40 to 150 °F
(-40 to 66 °C)
Halocarbon Fill
-40/150 °F
(-40 to 66 °C)
-40 to 200 °F
(-40 to 93°C)
-40 to 150 °F
(-40 to 66 °C)
TM
SPECIFICATIONS
Accuracy:
±1% of span (Dry) (ASME B40.100 Grade 1A)
±1.5% of span (Liquid filled)
Size:
2½˝, 3½˝
Ranges:
AW: Vacuum, compound, to 1,000 psi
SW: Vacuum, compound to 15,000 psi
Process Connection
Location:
Lower, lower back, top, 3 o’clock, 9 o’clock
Process Connection
Size:
¼ NPT Male, ½ NPT Male , and others listed
on page 2
Movement:
304 SS with glass filled polyester segment
Dial:
Black figures on white background
Pointer:
Black, aluminum
Weather Protection:
IP65 (Plug closed), IP54 (Plug vented)
NEMA 4X (Plug closed)
Mounting Option:
U-clamp, front or back flange
Dampening:
Liquid fill or
PLUS!™ Performance
Approval:
RoHS, CRN, CE/UKCA, NSF-61
1009SW Duralife®
21⁄2˝ dial size with front flange
1009SW Duralife®
21⁄2˝ dial size
1009AW Duralife®
31⁄2˝ dial size
KEY BENEFITS
•PowerFlex™ movement provides superior
resistance to shock, vibration and pulsation
•True Zero™ reduces reading errors by using
“zero box” instead of conventional dial pins
•Field fillable
NON-WETTED COMPONENTS
Case
Window
Ring (bayonet removable)
304 Stainless Steel
Polycarbonate
304 Stainless Steel
316L Stainless Steel (OPT.)
Polycarbonate
316L Stainless Steel (OPT.)
WETTED COMPONENTS
Model
Bourdon Tube
Process Connection Material
SW
316L Stainless Steel
316L Stainless Steel
AW
316L Stainless Steel
Aluminum bronze


Similar Part No. - 251009SW02DXLL

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25100 ALPHAWIRE-25100 Datasheet
93Kb / 4P
Customer Specification
1/5/2023
logo
Turck, Inc.
25100 TURCK-25100 Datasheet
282Kb / 3P
Capacitive Sensor
11/07/2023
logo
Alpha Wire
25100-20 ALPHAWIRE-25100-20 Datasheet
395Kb / 4P
24 (7/32) AWG Tinned Copper
25100/15 ALPHAWIRE-25100/15 Datasheet
98Kb / 4P
Customer Specification
12/5/2022
25100/20 ALPHAWIRE-25100/20 Datasheet
98Kb / 4P
Customer SpecificationS
12/13/2022
More results

Similar Description - 251009SW02DXLL

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
Stainless steel pressure sensors
logo
Honeywell Solid State E...
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
Stainless Steel Pressure Sensors
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
Stainless Steel Pressure Sensors
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
Stainless Steel Pressure Sensors
logo
Copal Electronics
PG-30 COPAL-PG-30 Datasheet
124Kb / 6P
PRESSURE GAUGES
PG-35 COPAL-PG-35_16 Datasheet
191Kb / 6P
PRESSURE GAUGES
PG-35H COPAL-PG-35H_16 Datasheet
108Kb / 4P
PRESSURE GAUGES
logo
Sensortechnics GmbH
SSIB001-GU9AH5 SENSORTECHNICS-SSIB001-GU9AH5 Datasheet
106Kb / 7P
Amplified stainless steel pressure sensors
SSO-B001G8FH SENSORTECHNICS-SSO-B001G8FH Datasheet
79Kb / 6P
Compensated stainless steel pressure sensors
logo
BELIMO AIRCONTROLS (USA...
EXT-RP-SSRPV BELIMO-EXT-RP-SSRPV Datasheet
174Kb / 1P
STAINLESS STEEL PRESSURE PICKUP PORT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com