Electronic Components Datasheet Search
  English  ▼

X  

451279SSL09DXLL Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # 451279SSL09DXLL
Description  1279 Duragauge® Pressure Gauge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

451279SSL09DXLL Datasheet(HTML) 2 Page - Ashcroft, Inc.

  451279SSL09DXLL Datasheet HTML 1Page - Ashcroft, Inc. 451279SSL09DXLL Datasheet HTML 2Page - Ashcroft, Inc. 451279SSL09DXLL Datasheet HTML 3Page - Ashcroft, Inc. 451279SSL09DXLL Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
of 4
2
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Duragauge®, DuraVis™, Plus!™, Trust the Shield® are trademarks and Gold ServiceSM is a service mark
of Ashcroft Inc. The following non-Ashcroft trademarks are the property of their respective owners: Aminco®,
Halocarbon®, Monel®, Teflon™. For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. 1279_gauge_ds_RevP_08-08-24
ashcroft.com
| 1.800.328.8258 | Contact Us
Data Sheet
Data Sheet
ORDERING CODE
Example:
451279
S
SH
04
L
XLL
15#
Dial Size/Model Code
451279 - 4½˝ solid front
451279
System (tube and process connection)
A - Bronze tube, brass process connection, Max. pressure connection 1,000 psi
P - K-Monel® 500 tube, Monel® 400 process connection, Max. pressure 30,000 psi
R - 316L SS tube, steel process connection, Max. pressure 20,000 psi
S - 316 SS tube, 316L SS process connection, Max. pressure 20,000 psi (NSF-61 Compliant)
S
Case Design
S - Solid front case, dry
SH - Solid front case, dry (IP66 NEMA 4X)
SH
SL - Solid front case, liquid filled (glycerin STD.)
Process Connection Sizes
02 -
¼ NPT Male, N/A for ranges over 20,000 psi
04 -
½ NPT Male, N/A for ranges over 20,000 psi
04
09 - 9
⁄16 18 UNF-2B, Aminco® high pressure fitting, pressures over 20,000 psi (STD.)
AM - AND 10050-4 (¼ tubing connection)
RW - SAE 7⁄16 & 20 Straight thread
Process Connection Location
L - Lower
L
B - Back
D - Side (3 o’clock)
E - Side connection (9 o’clock)
T - Top connection
Options (If choosing an option(s) must include a “X”) (See Table 1 on page 3 for more options)
–X__
GV - Silicone case fill
GX - Halocarbon® case fill
LL -
PLUS!™ Performance
LL
ND - PLUS! Performance, silicone free (glycerin and silicone filled gauges)
NZ -
PLUS!™ Performance, silicone free dry gauges
X1P - IP65 dry case (case cannot by liquid filled)
NH - SS tag wired to case
PD - Acrylic window (STD. with liquid filled or hermetically sealed cases)
SG - Safety Glass
C4 - Traceable calibration certificate
6B - Cleaned for oxygen service
5G - Attach one accessory to gauge. Applicable to PL02 pressure limiting valve, V01,V02,V03 valves,
1098, 1100, 1198, 2198 siphons, 7001, 7004 needle valves, 1115 capillary, 1106 pulsation dampner,
1112, PD02 pressure snubbers, MDV swivel adapter, 2265 electric warning contact
Range (coding examples only, see range table on page 3 for all standard ranges)
Single Scales
15# - 15 psi
15#
1BR - 1 bar
1KSC - 1 kg/cm2
100KP - 100 kPa
Dual Scales
15#/BR - 15 psi inner scale, 1 bar outer scale
1BR/# - 1 bar inner scale, 15 psi outer scale
When selecting a diaphragm seal or isolation ring, refer to the Min/Max Guide for compatibility with this gauge or scan the QR code to the right.
1279 Duragauge® Pressure Gauge



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com