Electronic Components Datasheet Search
  English  ▼

X  

PPC440EP Datasheet(PDF) 54 Page - Applied Micro Circuits Corporation

Part # PPC440EP
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EP Datasheet(HTML) 54 Page - Applied Micro Circuits Corporation

Back Button PPC440EP Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC440EP Datasheet HTML 58Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 84 page
background image
54
AMCC Proprietary
440EP – PPC440EP Embedded Processor
Revision 1.26 – April 25, 2007
Data Sheet
External Master Peripheral Interface
BusReq
Bus Request. Used when the PPC440EP needs to regain
control of peripheral interface from an external master.
O
Multiplex
ExtAck
External Acknowledgement. Used by the PPC440EP to
indicate that a data transfer occurred.
O
Multiplex
ExtReq
External Request. Used by an external master to indicate it is
prepared to transfer data.
I
Multiplex
1, 4
ExtReset
Peripheral Reset. Used by an external master and by
synchronous peripheral slaves.
O3.3V LVTTL
HoldAck
Hold Acknowledge. Used by the PPC440EP to transfer
ownership of peripheral bus to an external master.
O
Multiplex
HoldReq
Hold Request. Used by an external master to request
ownership of the peripheral bus.
I
Multiplex
1, 5
HoldPri
Hold Primary. Used by an external master to indicate the
priority of a given external master tenure.
I
Multiplex
PerClk
Peripheral Clock. Used by an external master and by
synchronous peripheral slaves.
O3.3V LVTTL
UART Peripheral Interface
UARTSerClk
Serial clock input that provides an alternative to the internally
generated serial clock. Used in cases where the allowable
internally generated clock rates are not satisfactory.
I
3.3V LVTTL
1, 4
UARTn_Rx
UART Receive data.
I
3.3V LVTTL
1, 4
UARTn_Tx
UART Transmit data.
O
3.3V LVTTL
4
UARTn_DCD
UART Data Carrier Detect.
I
3.3V LVTTL
6
UARTn_DSR
UART Data Set Ready.
I
3.3V LVTTL
6
UARTn_CTS
UART Clear To Send.
I
3.3V LVTTL
1, 4, 6
UARTn_DTR
UART Data Terminal Ready.
O
3.3V LVTTL
4
UARTn_RTS
UART Request To Send.
O
3.3V LVTTL
4
UARTn_RI
UART Ring Indicator.
I
3.3V LVTTL
1, 4
IIC Peripheral Interface
IIC0SClk
IIC0 Serial Clock.
I/O
3.3V LVTTL
1, 2
IIC0SData
IIC0 Serial Data.
I/O
3.3V LVTTL
1, 2
IIC1SClk
IIC1 Serial Clock.
I/O
Multiplex
IIC1SData
IIC1 Serial Data.
I/O
Multiplex
Table 6. Signal Functional Description (Sheet 5 of 9)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com