Electronic Components Datasheet Search
  English  ▼

X  

ARF221 Datasheet(PDF) 1 Page - Power Semiconductors

Part # ARF221
Description  FAST RECOVERY DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

ARF221 Datasheet(HTML) 1 Page - Power Semiconductors

  ARF221 Datasheet HTML 1Page - Power Semiconductors ARF221 Datasheet HTML 2Page - Power Semiconductors ARF221 Datasheet HTML 3Page - Power Semiconductors ARF221 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FAST RECOVERY DIODE
ARF221
Repetitive voltage up to
1400 V
Mean forward current
415 A
Surge current
5 kA
FINAL SPECIFICATION
ott 97 - ISSUE : 02
Symbol
Characteristic
Conditions
Tj
[°C]
Value
Unit
BLOCKING
V RRM
Repetitive peak reverse voltage
125
1400
V
V RSM
Non-repetitive peak reverse voltage
125
1500
V
I RRM
Repetitive peak reverse current
V=VRRM
125
50
mA
CONDUCTING
I F (AV)
Mean forward current
180° sin ,50 Hz, Th=55°C, double side cooled
415
A
I F (AV)
Mean forward current
180° square,50 Hz,Th=55°C,double side cooled
410
A
I FSM
Surge forward current
Sine wave, 10 ms
125
4.5
kA
I² t
I² t
reapplied reverse voltage up to 50% VRSM
101 x1E3
A²s
V FM
Forward voltage
Forward current = 600 A
125
1.47
V
V F(TO)
Threshold voltage
125
1.05
V
r F
Forward slope resistance
125
0.70
mohm
SWITCHING
t rr
Reverse recovery time
I F =
200 A
2.0
µs
Q rr
Reverse recovery charge
di/dt =
40 A/µs
125
50
µC
I rr
Peak reverse recovery current
VR =
50 V
50
A
s
Softness (s-factor), min
V FR
Peak forward recovery
V
MOUNTING
R th(j-h)
Thermal impedance
Junction to heatsink, double side cooled
95
°C/kW
T j
Operating junction temperature
-30 / 125
°C
F
Mounting force
4.5 / 5.0
kN
Mass
55
g
ORDERING INFORMATION : ARF221 S 14
standard specification
VRRM/100
Via N. Lorenzi 8 - I 16152 GENOVA - ITALY
Tel. int. +39/(0)10 6556549 - (0)10 6556488
Fax Int. +39/(0)10 6442510
Tx 270318 ANSUSE I -
ANSALDO
Ansaldo Trasporti s.p.a.
Unita' Semiconduttori


Similar Part No. - ARF221

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF220 POSEICO-ARF220 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF220S14 POSEICO-ARF220S14 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
More results

Similar Description - ARF221

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
logo
ABB
5SDF02D6004 ABB-5SDF02D6004 Datasheet
92Kb / 5P
Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com