Electronic Components Datasheet Search
  English  ▼

X  

HPS Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # HPS
Description  HPS High Purity Pressure Gauge with Reed Switch 50 mm Dial Size
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

HPS Datasheet(HTML) 2 Page - Ashcroft, Inc.

  HPS Datasheet HTML 1Page - Ashcroft, Inc. HPS Datasheet HTML 2Page - Ashcroft, Inc. HPS Datasheet HTML 3Page - Ashcroft, Inc. HPS Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HPS High Purity Pressure Gauge with Reed Switch
50 mm Dial Size
Data Sheet
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2022 Ashcroft Inc. 50-hps_gauge_w-switch_ds_RevA_02-10-22
ashcroft.com
info@ashcroft.com
1.800.328.8258
of 4
2
ORDERING CODE
Example:
50
HPS
G
MVS
L
60#
Size
50 - 50 mm
50
Gauge Family
HPS - High purity gauge (with reed switch)
HPS
Purity Level
G - Class 10,000
G
Process Connection
MVS - ¼ Male swivel VCR type (9∕16 -18 UNF male)
MVS
MRF - R ¼ Male
MNF - ¼ NPT Male
FVS - ¼ Female swivel VCR type (9∕16 -18 UNF female)
Process Connection Location
L - Lower
L
Range (See range table on page 3 for all standard ranges)
# - psi
60#
BR - Bar
KP - Kilopascals
MP - Megapascals



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com