Electronic Components Datasheet Search
  English  ▼

X  

BCW68H Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BCW68H
Description  Surface Mount General Purpose Si-Epi-Planar Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BCW68H Datasheet(HTML) 2 Page - Diotec Semiconductor

  BCW68H Datasheet HTML 1Page - Diotec Semiconductor BCW68H Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BCW68F ... BCW68H
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Collector-Emitter saturation voltage – Kollektor-Sättigungsspannung 2)
- IC = 100 mA, - IB = 10 mA
- IC = 500 mA, - IB = 50 mA
- VCEsat
- VCEsat
–
–
–
–
300 mV
700 mV
Base-Emitter saturation voltage – Basis-Sättigungsspannung 2)
- IC = 100 mA, - IB = 10 mA
- IC = 500 mA, - IB = 50 mA
- VBEsat
- VBEsat
–
–
–
–
1.25 V
2.0 V
Collector-Base cutoff current – Kollektor-Basis-Reststrom
- VCB = 45 V, (E open)
- VCE = 45 V, Tj = 125°C, (E open)
- ICB0
- ICB0
–
–
–
–
20 nA
20 µA
Emitter-Base cutoff current
- VEB = 4 V, (C open)
- IEB0
–
–
20 nA
Gain-Bandwidth Product – Transitfrequenz
- VCE = 5 V, - IC = 50 mA, f = 100 MHz
fT
–
200 MHz
–
Collector-Base Capacitance – Kollektor-Basis-Kapazität
- VCB = 10 V, IE = ie = 0, f = 1 MHz
CCBO
–6 pF
–
Emitter-Base Capacitance – Emitter-Basis-Kapazität
- VEB = 0.5 V, IC = ic = 0, f = 1 MHz
CEBO
–
60 pF
–
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 420 K/W 1)
Recommended complementary NPN transistors
Empfohlene komplementäre NPN-Transistoren
BCW66F ... BCW66H
Marking - Stempelung
BCW68F = DF
BCW68G = DG
BCW68H = DH
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com