Electronic Components Datasheet Search
  English  ▼

X  

B1626 Datasheet(PDF) 4 Page - EPCOS

Part # B1626
Description  SAW RF low loss filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1626 Datasheet(HTML) 4 Page - EPCOS

  B1626 Datasheet HTML 1Page - EPCOS B1626 Datasheet HTML 2Page - EPCOS B1626 Datasheet HTML 3Page - EPCOS B1626 Datasheet HTML 4Page - EPCOS B1626 Datasheet HTML 5Page - EPCOS B1626 Datasheet HTML 6Page - EPCOS B1626 Datasheet HTML 7Page - EPCOS B1626 Datasheet HTML 8Page - EPCOS B1626 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
April 30, 2007
B1626
1790.48 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF low loss filter
Data Sheet
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS = 150 Ω and matching network
Terminating load impedance:
ZL = 150 Ω and matching network
Matching network (element values depend on PCB layout)
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
1790.48
—
MHz
Maximum insertion attenuation
α
max
1770.48 ... 1810.48 MHz
—
4.2
5.5
dB
Pass bandwidth
Β1.5dΒ
α
rel< 1.5dB
—
57.0
—
MHz
Amplitude ripple (p-p)
∆α
1770.48 ... 1810.48 MHz
—
0.8
1.5
dB
Group delay ripple (p-p)
∆τ
1770.48 ... 1810.48 MHz
—
8.0
20.0
ns
Deviation from linear phase (rms)
in any 30MHz band
∆τ
1770.48 ... 1810.48 MHz
—
1.5
3.5
Relative attenuation (relative to
α
max)
α
50.0
... 1708.42 MHz
45.0
50.0
—
dB
1872.54 ... 1900.00 MHz
37.0
46.0
—
dB
1900.00 ... 2000.00 MHz
45.0
56.0
—
2000.00 ... 6000.00 MHz
20.0
—
—
Lp1 = 22 nH
Cs1 = 5.6 pF
Cs1
Cs1
Lp1
Lp1
Cs1
Cs1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com