Electronic Components Datasheet Search
  English  ▼

X  

CD54HC123 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC123
Description  High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC123 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC123 Datasheet HTML 1Page - Texas Instruments CD54HC123 Datasheet HTML 2Page - Texas Instruments CD54HC123 Datasheet HTML 3Page - Texas Instruments CD54HC123 Datasheet HTML 4Page - Texas Instruments CD54HC123 Datasheet HTML 5Page - Texas Instruments CD54HC123 Datasheet HTML 6Page - Texas Instruments CD54HC123 Datasheet HTML 7Page - Texas Instruments CD54HC123 Datasheet HTML 8Page - Texas Instruments CD54HC123 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS142F
September 1997 - Revised October 2003
Features
• Overriding Reset Terminates Output Pulse
• Triggering From the Leading or Trailing Edge
• Q and Q Buffered Outputs
• Separate Resets
• Wide Range of Output-Pulse Widths
• Schmitt Trigger on Both A and B Inputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%of VCC at
VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC123, ’HCT123, CD74HC423 and CD74HCT423 are
dual monostable multivibrators with resets. They are all
retriggerable and differ only in that the 123 types can be
triggered by a negative to positive reset pulse; whereas the
423 types do not have this feature. An external resistor (RX)
and an external capacitor (CX) control the timing and the
accuracy for the circuit. Adjustment of Rx and CX provides a
wide range of output pulse widths from the Q and Q
terminals. Pulse triggering on the A and B inputs occur at a
particular voltage level and is not related to the rise and fall
times of the trigger pulses.
Once triggered, the output pulse width may be extended by
retriggering inputs A and B. The output pulse can be
terminated by a LOW level on the Reset (R) pin. Trailing
edge triggering (A) and leading edge triggering (B) inputs
are provided for triggering from either edge of the input
pulse. If either Mono is not used each input on the unused
device (A, B, and R) must be terminated high or low.
The minimum value of external resistance, Rx is typically
5k
Ω. The minimum value external capacitance, CX, is 0pF.
The calculation for the pulse width is tW = 0.45 RXCX at
VCC = 5V.
Ordering Information
PART NUMBER
TEMP. RANGE (oC)
PACKAGE
CD54HC123F3A
-55 to 125
16 Ld CERDIP
CD54HCT123F3A
-55 to 125
16 Ld CERDIP
CD74HC123E
-55 to 125
16 Ld PDIP
CD74HC123M
-55 to 125
16 Ld SOIC
CD74HC123MT
-55 to 125
16 Ld SOIC
CD74HC123M96
-55 to 125
16 Ld SOIC
CD74HC123NSR
-55 to 125
16 Ld SOP
CD74HC123PW
-55 to 125
16 Ld TSSOP
CD74HC123PWR
-55 to 125
16 Ld TSSOP
CD74HC123PWT
-55 to 125
16 Ld TSSOP
CD74HC423E
-55 to 125
16 Ld PDIP
CD74HC423M
-55 to 125
16 Ld SOIC
CD74HC423MT
-55 to 125
16 Ld SOIC
CD74HC423M96
-55 to 125
16 Ld SOIC
CD74HC423NSR
-55 to 125
16 Ld SOP
CD74HCT123E
-55 to 125
16 Ld PDIP
CD74HCT123M
-55 to 125
16 Ld SOIC
CD74HCT123MT
-55 to 125
16 Ld SOIC
CD74HCT123M96
-55 to 125
16 Ld SOIC
CD74HCT423E
-55 to 125
16 Ld PDIP
CD74HCT423MT
-55 to 125
16 Ld SOIC
CD74HCT423M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54/74HC123, CD54/74HCT123,
CD74HC423, CD74HCT423
High-Speed CMOS Logic Dual Retriggerable
Monostable Multivibrators with Resets
[ /Title
(CD74
HC123
,
CD74
HCT12
3,
CD74
HC423
,
CD74
HCT42
3)
/Sub-
ject
(High
Speed


Similar Part No. - CD54HC123

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC123 TI-CD54HC123 Datasheet
363Kb / 16P
High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD54HC123 TI-CD54HC123 Datasheet
359Kb / 17P
High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD54HC123 TI-CD54HC123 Datasheet
541Kb / 19P
High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD54HC123 TI2-CD54HC123 Datasheet
752Kb / 24P
High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
Revised October 2003
CD54HC123 TI2-CD54HC123 Datasheet
762Kb / 25P
High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
Revised October 2003
More results

Similar Description - CD54HC123

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC123 TI-CD74HC123 Datasheet
56Kb / 8P
High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
CD54HC123 TI-CD54HC123 Datasheet
363Kb / 16P
High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Harris Corporation
CD74HC123 HARRIS-CD74HC123 Datasheet
33Kb / 7P
High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Texas Instruments
CD54HC123 TI-CD54HC123_06 Datasheet
359Kb / 17P
High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
CD54HC123 TI-CD54HC123_08 Datasheet
541Kb / 19P
High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI1-SN54AHC123A_15 Datasheet
1Mb / 28P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com