Electronic Components Datasheet Search
  English  ▼

X  

HC4040 Datasheet(PDF) 1 Page - Texas Instruments

Part # HC4040
Description  12-BIT ASYNCHRONOUS BINARY COUNTERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC4040 Datasheet(HTML) 1 Page - Texas Instruments

  HC4040 Datasheet HTML 1Page - Texas Instruments HC4040 Datasheet HTML 2Page - Texas Instruments HC4040 Datasheet HTML 3Page - Texas Instruments HC4040 Datasheet HTML 4Page - Texas Instruments HC4040 Datasheet HTML 5Page - Texas Instruments HC4040 Datasheet HTML 6Page - Texas Instruments HC4040 Datasheet HTML 7Page - Texas Instruments HC4040 Datasheet HTML 8Page - Texas Instruments HC4040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN54HC4040, SN74HC4040
12BIT ASYNCHRONOUS BINARY COUNTERS
SCLS160D − DECEMBER 1982 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 12 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
SN54HC4040 ...J OR W PACKAGE
SN74HC4040 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
SN54HC4040 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
QL
QF
QE
QG
QD
QC
QB
GND
VCC
QK
QJ
QH
QI
CLR
CLK
QA
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
QJ
QH
NC
QI
CLR
QE
QG
NC
QD
QC
description/ordering information
The ’HC4040 devices are 12-stage asynchronous binary counters, with the outputs of all stages available
externally. A high level at the clear (CLR) input asynchronously clears the counter and resets all outputs low.
The count is advanced on a high-to-low transition at the clock (CLK) input. Applications include time-delay
circuits, counter controls, and frequency-dividing circuits.
ORDERING INFORMATION
TA
PACKAGE†
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC4040N
SN74HC4040N
Tube of 40
SN74HC4040D
SOIC − D
Reel of 2500
SN74HC4040DR
HC4040
SOIC − D
Reel of 250
SN74HC4040DT
HC4040
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HC4040NSR
HC4040
−40 C to 85 C
SSOP − DB
Reel of 2000
SN74HC4040DBR
HC4040
Tube of 90
SN74HC4040PW
TSSOP − PW
Reel of 2000
SN74HC4040PWR
HC4040
TSSOP − PW
Reel of 250
SN74HC4040PWT
HC4040
CDIP − J
Tube of 25
SNJ54HC4040J
SNJ54HC4040J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC4040W
SNJ54HC4040W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC4040FK
SNJ54HC4040FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - HC4040

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
HC4046 SLS-HC4046 Datasheet
134Kb / 12P
Phase-Locked Loop
More results

Similar Description - HC4040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC4020 TI-SN54HC4020 Datasheet
540Kb / 16P
14-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4024 TI-SN54HC4024 Datasheet
102Kb / 5P
ASYNCHRONOUS 7-BIT BINARY COUNTERS
SN54LV4040A TI-SN54LV4040A Datasheet
526Kb / 17P
12-BIT ASYNCHRONOUS BINARY COUNTERS
SN74HC4060 TI-SN74HC4060 Datasheet
406Kb / 13P
12-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
SN54LV4040A TI-SN54LV4040A_07 Datasheet
795Kb / 19P
12-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4040 TI-SN54HC4040 Datasheet
601Kb / 17P
12-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4020 TI-SN54HC4020_07 Datasheet
682Kb / 18P
14-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4020 TI-SN54HC4020_08 Datasheet
823Kb / 19P
14-BIT ASYNCHRONOUS BINARY COUNTERS
SN74LV4040A-EP TI1-SN74LV4040A-EP Datasheet
538Kb / 12P
12 BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4024 TI1-SN54HC4024_13 Datasheet
318Kb / 10P
ASYNCHRONOUS 7-BIT BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com