Electronic Components Datasheet Search
  English  ▼

X  

PS21313 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # PS21313
Description  TRANSFER-MOLD TYPE INSULATED TYPE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21313 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  PS21313 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21313 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21313 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21313 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21313 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21313 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21313 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21313 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21313 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21313
TRANSFER-MOLD TYPE
INSULATED TYPE
Aug. 1999
Fig. 2 INTERNAL FUNCTIONS BLOCK DIAGRAM (TYPICAL APPLICATION EXAMPLE)
Fig. 3 EXTERNAL PART OF THE DIP-IPM PROTECTION CIRCUIT
Note1: In the recommended external protection circuit, please select the RC time constant in the range 1.5~2.0
µs.
2: To prevent erroneous protection operation, the wiring of A, B, C should be as short as possible.
Drive circuit
Drive circuit
Protection circuit
W
V
U
B
C
VNC
CIN
A
P
N1
N
C
R
Shunt Resistor
External protection circuit
DIP-IPM
L-side IGBTS
H-side IGBTS
SC Protection
Trip Level
IC (A)
tw (
µs)
2
0
Short Circuit Protective Function (SC) :
SC protection is achieved by sensing the L-side DC-Bus current (through the external
shunt resistor) after allowing a suitable filtering time (defined by the RC circuit).
When the sensed shunt voltage exceeds the SC trip-level, all the L-side IGBTs are turned
OFF and a fault signal (Fo) is output. Since the SC fault may be repetitive, it is
recommended to stop the system when the Fo signal is received and check the fault.
Collector current
waveform
Z
Drive circuit
(15V line)
(5V line)
(Note 1, 2)
VD
VNC
VNC
W
AC input
AC line output
V
U
Input signal
coditioning
Level shifter
Drive circuit
Protection
circuit (UV)
Input signal
coditioning
Input signal
coditioning
Input signal conditioning
Fo logic
SC
protection
Protection
circuit (UV)
Protection
circuit (UV)
Control supply
Under-Voltage
protection
Drive circuit Drive circuit
FO
CFO
P
N1
N
FO output (5V line)
(Note 3, 5)
High-side input (PWM)
(5V line)
Note 1,2)
Low-side input (PWM)
M
(Note 6)
Bootstrap circuit
For detailed description
of the boot-strap circuit
construction, please
contact Mitsubishi
Electric
DIP-IPM
C
Z : Surge absorber
C : AC filter (Ceramic capacitor 2.2~6.5nF)
(Protection against common-mode noise)
C4
C3
C3 : Tight tolerance, temp-compensated electrolytic type
C4 : 0.22~2
µF R-category ceramic capacitor for noise filtering.
(Note : The capacitance value depends on the PWM control
scheme used in the applied system).
Note1:
To prevent the input signals oscillation, an RC coupling at each input is recommended. (see also Fig. 6)
2:
By virtue of integrating an application specific type HVIC inside the module, direct coupling to CPU terminals without any opto-coupler or transformer
isolation is possible. (see also Fig. 6)
3:
This output is open collector type. The signal line should be pulled up to the positive side of the 5V power supply with approximately 5.1k
Ω resistance.
(see also Fig. 6)
4:
The wiring between the power DC link capacitor and the P/N1 terminals should be as short as possible to protect the DIP-IPM against catastrophic high
surge voltages. For extra precaution, a small film type snubber capacitor (0.1~0.22
µF, high voltage type) is recommended to be mounted close to
these P and N1 DC power input terminals.
5:
Fo output pulse width should be decided by connecting external capacitor between CFO and VNC terminals. (Example : CFO=22nF
tFO=1.8ms (Typ.))
6:
High voltage diodes (600V or more) should be used in the bootstrap circuit.
H-side IGBTS
L-side IGBTS
CIN
(Note 4)
Fig. 3
Inrush current
limiter circuit
Level shifter Level shifter



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com